Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD66773R Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HD66773R
Description  262,144-color, 132 x 176-dot Graphics Controller Driver for TFT LCD panels
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD66773R Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HD66773R Datasheet HTML 9Page - Renesas Technology Corp HD66773R Datasheet HTML 10Page - Renesas Technology Corp HD66773R Datasheet HTML 11Page - Renesas Technology Corp HD66773R Datasheet HTML 12Page - Renesas Technology Corp HD66773R Datasheet HTML 13Page - Renesas Technology Corp HD66773R Datasheet HTML 14Page - Renesas Technology Corp HD66773R Datasheet HTML 15Page - Renesas Technology Corp HD66773R Datasheet HTML 16Page - Renesas Technology Corp HD66773R Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 133 page
background image
HD66773R
Rev.1.10, Jun.21.2003, page 13 of 133
Signals
Number
of Pins
I/O
Connected
to
Functions
VcomH
1
O
Stabilizing
Capacitor
Vcom high level generated during Vcom AC drive. Connect to a
stabilizing capacitor.
VcomL
1
O
Stabilizing
Capacitor or
open
The Vcom level without Vcom AC drive, and Vcom low level with
Vcom AC drive. The voltage can be adjusted with internal register
setting. Connect to a stabilizing capacitor. VcomL output is
halted when VCOMG bit is LOW, and in this case, stabilizing
capacitor is not necessary.
VgoffOUT
1
O
Vgoff or
Open
Output power supply for gate drive. Internal register setting
enables AC drive in synchronization with Vcom. Make an
appropriate setting for the structure of hold capacitor of TFT
display. Output the amplitude VcomH-VcomL in reference to
VgoffL with AC drive.
Vgoff
1
I
VgoffOUT or
power
supply
TFT gate off level. Negative voltage. Connect to VgoffOUT or
otherwise, connect to external voltage power supply of VGL or
more.
VgoffH
1
O
Stabilizing
Capacitor or
open
VgoffOUT high level with Vgoff AC drive. Connect to a stabilizing
capacitor. The Vgoff output is halted when CAD bit is LOW. In
this case, no stabilizing capacitor is necessary.
VgoffL
1
O
Stabilizing
Capacitor
VgoffOUT without Vgoff AC drive, and VgoffOUT low level with
Vgoff AC drive. The voltage can be adjusted with internal register
setting. Connect to a stabilizing capacitor.
V0P
V31P
2
I/O
Stabilizing
Capacitor
Output from positive-polarity internal operational amplifier when
the internal operational amplifier is turned on. Connect to a
stabilizing capacitor.
V0N
V31N
2
I/O
Stabilizing
Capacitor
Output from negative-polarity internal operational amplifier when
the internal operational amplifier is turned on. Connect to a
stabilizing capacitor.
VGS
1
I
GND or
external
resistor
Reference voltage for grayscale voltage generating circuit. Place
a variable resistor externally when adjusting a level for each
panel.
S1–S396
396
O
LCD
Source output signal. The shift direction of segment signal is
changeable with SS bit:
SS = 0, RAM address 0000 is output from S1.
SS = 1, it is output from S396.
S1, S4, S7, ... display red (R), S2, S5, S8, ... display green (G),
and S3, S6, S9, ... display blue (B) (SS = 0).
G1-176
176
O
LCD
Gate output signal. Output VGH level to select a gate line, and
output Vgoff level not to select a gate line.
GTEST1-2
2
O
LCD or
Open
Dummy gate output signal. Output the VGH level to select a gate
line, and output the Vgoff level not to select a gate line when CAD
bit is High. Output the Vgoff level not to select a gate line when
CAD bit is Low. Leave open when not used.
TESTA1
1
I/O
Stabilizing
Capacitor or
Open
A test pin for the VcomH output. Leave it open or connect to a
stabilizing capacitor if necessary depending on the quality of
display.
TESTA2
1
I/O
Stabilizing
Capacitor or
Open
A test pin for the VcomL output. Leave it open or connect to a
stabilizing capacitor if necessary depending on the quality of
display.
TESTA3
1
I/O
Stabilizing
Capacitor or
Open
A test pin for the Vgoff output. Leave it open or connect to a
stabilizing capacitor if necessary depending on the quality of
display.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com