Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD66773R Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # HD66773R
Description  262,144-color, 132 x 176-dot Graphics Controller Driver for TFT LCD panels
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD66773R Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button HD66773R Datasheet HTML 30Page - Renesas Technology Corp HD66773R Datasheet HTML 31Page - Renesas Technology Corp HD66773R Datasheet HTML 32Page - Renesas Technology Corp HD66773R Datasheet HTML 33Page - Renesas Technology Corp HD66773R Datasheet HTML 34Page - Renesas Technology Corp HD66773R Datasheet HTML 35Page - Renesas Technology Corp HD66773R Datasheet HTML 36Page - Renesas Technology Corp HD66773R Datasheet HTML 37Page - Renesas Technology Corp HD66773R Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 133 page
background image
HD66773R
Rev.1.10, Jun.21.2003, page 34 of 133
VDV4-0: Set the AC amplitude of Vcom and Vgoff during Vcom AC drive. The amplitude can be
specified within the range of VREG1OUT x 0.6 ~ 1.23. When VCOMG = 0, this setting is invalid.
VDV4
VDV3
VDV2
VDV1
VDV0
Vcom Amplitude
000
00VREG1OUT x 0.60
000
01VREG1OUT x 0.63
000
10VREG1OUT x 0.66
:
:
:
:
:
011
00VREG1OUT x 0.96
011
01VREG1OUT x 0.99
011
10VREG1OUT x 1.02
0
1
1
1
1
Setting disabled
100
00VREG1OUT x 1.05
100
01VREG1OUT x 1.08
100
10VREG1OUT x 1.11
100
11VREG1OUT x 1.14
101
00VREG1OUT x 1.17
101
01VREG1OUT x 1.20
101
10VREG1OUT x 1.23
101
11
11*
*
*
Setting disabled
Note) Adjust VREG1OUT and VDV4-0 so that the Vcom and Vgoff amplitudes are 6.0 V or less.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com