Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD66773R Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HD66773R
Description  262,144-color, 132 x 176-dot Graphics Controller Driver for TFT LCD panels
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD66773R Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HD66773R Datasheet HTML 17Page - Renesas Technology Corp HD66773R Datasheet HTML 18Page - Renesas Technology Corp HD66773R Datasheet HTML 19Page - Renesas Technology Corp HD66773R Datasheet HTML 20Page - Renesas Technology Corp HD66773R Datasheet HTML 21Page - Renesas Technology Corp HD66773R Datasheet HTML 22Page - Renesas Technology Corp HD66773R Datasheet HTML 23Page - Renesas Technology Corp HD66773R Datasheet HTML 24Page - Renesas Technology Corp HD66773R Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 133 page
background image
HD66773R
Rev.1.10, Jun.21.2003, page 21 of 133
The relationship between GRAM data and display data (SS =”1”)
The following figures illustrate the relationship between GRAM data and display data in each interface
mode.
R5
R4
R3
R2
R1
R0
G5
G4
G3
G2
G1
G0
B5
B4
B2
B1
B0
B3
DB
17
DB
16
DB
15
DB
14
DB
13
DB
12
DB
11
DB
10
DB
9
DB
8
DB
7
DB
6
DB
5
DB
4
DB
3
DB
2
DB
1
DB
0
R4
R3
R2
R1
R0
G5
G4
G3
G2
G1
G0
B4
B2
B1
B0
B3
Dither process
circuit
IF Data
R5
R4
R3
R2
R1
R0
G5
G4
G3
G2
G1
G0
B5
B4
B2
B1
B0
B3
Note: n = lower eight bite of address (0 to 132)
S (396 –3n)
S (395 -3n)
S (394 – 3n)
Output pins
262,144 colors
expansion circuit
GRAM data
18-bit interface & hard dither mode
GRAM data
IF Data
R5
R4
R3
R2
R1
R0
G5
G4
G3
G2
G1
G0
B5
B4
B2
B1
B0
B3
Note: n = lower eight bite of address (0 to 132)
S (396 –3n)
S (395 -3n)
S (394 – 3n)
Output pins
262,144 colors
expansion circuit
R4
R3
R2
R1
R0
G5
G4
G3
G2
G1
G0
B4
B2
B1
B0
B3
DB
17
DB
16
DB
15
DB
14
DB
13
DB
12
DB
11
DB
10
DB
8
DB
7
DB
6
DB
5
DB
4
DB
3
DB
2
DB
1
16-bit interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com