Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD66773R Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # HD66773R
Description  262,144-color, 132 x 176-dot Graphics Controller Driver for TFT LCD panels
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD66773R Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button HD66773R Datasheet HTML 35Page - Renesas Technology Corp HD66773R Datasheet HTML 36Page - Renesas Technology Corp HD66773R Datasheet HTML 37Page - Renesas Technology Corp HD66773R Datasheet HTML 38Page - Renesas Technology Corp HD66773R Datasheet HTML 39Page - Renesas Technology Corp HD66773R Datasheet HTML 40Page - Renesas Technology Corp HD66773R Datasheet HTML 41Page - Renesas Technology Corp HD66773R Datasheet HTML 42Page - Renesas Technology Corp HD66773R Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 133 page
background image
HD66773R
Rev.1.10, Jun.21.2003, page 39 of 133
REV: When REV = 1, a reverse display is shown. Inverting the grayscale levels allows the display of
same data on both normally white and normally black panels. The source output level is as follows.
Combination with partial display
Source output level
non-display area
Display area
PT1-0 = (0.*)
PT1-0= (1.0)
PT1-0 = (1.1)
REV
GRAM
data
VCOM =“L”
VCOM =”H”
VCOM=“L”
VCOM=”H”
VCOM =“L”
VCOM =“H”
VCOM =“L”
VCOM =“H”
0
16’h0000
16’hFFFF
V31
V0
V0
V31
V31
V0
GND
GND
Hi-z
Hi-z
1
16’h0000
16’hFFFF
V0
V31
V31
V0
V31
V0
GND
GND
Hi-z
Hi-z
Combination with D1-0 bits
Source output level
D1-0 = (1.1)
D1-0 = (1.0)
D1-0 = (0.1)
D1-0 = (0.0)
REV
GRAM
data
VCOM =“L”
VCOM =“H”
VCOM =“L”
VCOM =“H”
VCOM =“L”
VCOM =“H”
VCOM =“L”
VCOM =“H”
0
16’h0000
16’hFFFF
V31
V0
V0
V31
V31
V0
GND
GND
GND
GND
1
16’h0000
16’hFFFF
V0
V31
V31
V0
V31
V0
GND
GND
GND
GND
GON: When GON = 0, the gate-off level is VGH.
D1–0: The graphics display is on when D1 = 1, and off when D1 = 0. When setting D1 = 0, the data are
retained in GRAM. This means the graphics is instantly redisplayed when setting D1 to 1. When D1 is 0
(i.e., the display is off) all the source outputs are set to the GND level. This reduces the charged/discharged
current during liquid crystal AC drive.
When D1-0 = 01, the HD66773R continues internal display operation, even while the external display is
off. When D1-0 = 00, both internal and external display operation are halted.
In combination with GON and DTE bits, D1-0 bits control ON/OFF of display. For details, see “Instruction
Setting Flow”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com