Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JK06DF10SW1 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # JK06DF10SW1
Description  VG95234 Qualified Circular Waterproof Connector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JK06DF10SW1 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  JK06DF10SW1 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JK06DF10SW1 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JK06DF10SW1 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. JK06DF10SW1 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. JK06DF10SW1 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. JK06DF10SW1 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. JK06DF10SW1 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. JK06DF10SW1 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. JK06DF10SW1 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MB-0285-3
2/10
JAE Connector 2nd Sales Div. Proprietary. Copyright © 2016, Japan Aviation Electronics Industry, Ltd.
Protection rating is IP67 equivalent when mated (no inundation when
underwater 1m for 24 hours)
Function and performance are compliant with the following standards:
Features
Compatible with conduit
・
Plug is compatible with conduit harness assembly by attaching the conduit
adapter manufactured by PMA
Materials selected with ecological consideration
・
Compliant with RoHS directive
・
Halogen-free plastic parts
Year shown in the parentheses is the issue year (version)
EN45545-2 (2013)
European standards: railway applications, fire protection on
railway vehicles, requirements for fire behavior of materials
and components
EN50467 (2011)
European standards: railway applications, rolling stock
electrical connectors, requirements and test methods
NFF16-101 (1988)
French standards: railway rolling stock, burning behavior,
choice of materials
NFF16-102 (1992)
NFF61-030 (1992)
French standards: rolling stock, electrical connectors, general
BS6853 (1999)
British standards: code of practice for fire precautions in the
design and construction of passenger carrying trains
Mechanical designs are VG95234(Note 1) specification compliant
Note 1: VG95234 is the German circular connector specification
VG95234 connectors are popular for railway vehicles in Europe
- Mating type is a bayonet locking system
- Contact arrangement is compatible with MIL-DTL-5015
- Intermates with other products that are compliant to the same standards



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com