Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JK06DF10SW1 Datasheet(PDF) 10 Page - Japan Aviation Electronics Industry, Ltd.

Part # JK06DF10SW1
Description  VG95234 Qualified Circular Waterproof Connector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JK06DF10SW1 Datasheet(HTML) 10 Page - Japan Aviation Electronics Industry, Ltd.

Back Button JK06DF10SW1 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JK06DF10SW1 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. JK06DF10SW1 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. JK06DF10SW1 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. JK06DF10SW1 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. JK06DF10SW1 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. JK06DF10SW1 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. JK06DF10SW1 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. JK06DF10SW1 Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MB-0285-3
10/10
JAE Connector 2nd Sales Div. Proprietary. Copyright © 2016, Japan Aviation Electronics Industry, Ltd.
Connector 2nd Sales Division
Aobadai Building, 3-1-19, Aobadai, Meguro-ku, Tokyo 153-8539
Phone: +81-3-3780-2825 FAX: +81-3-3780-2884
* The specifications in this brochure are subject to change without notice. Please contact JAE for information.
Notice:
1. The values specified in this brochure are only for reference. The products and their specifications are subject to change without notice.
Contact our sales staff for further information before considering or ordering any of our products.
For purchase, a product specification must be agreed upon.
2. Users are requested to provide protection circuits and redundancy circuits to ensure safety of the equipment, and sufficiently review the
suitability of JAE's products to the equipment.
3. The products presented in this brochure are designed for the uses recommended below.
We strongly suggest you contact our sales staff when considering use of any of the products in any other way than the recommended
applications or for a specific use that requires an extremely high reliability.
(1) Applications that require consultation:
(i) Please contact us if you are considering use involving a quality assurance program that you specify or that is peculiar to the industry,
such as:
Automotive electrical components, train control, telecommunications devices (mainline), traffic light control, electric power, combustion
control, fire prevention or security systems, disaster prevention equipment, etc.
(ii) We may separately give you our support with a quality assurance program that
you specify, when you think of a use such as :
Aviation or space equipment, submarine repeaters, nuclear power control systems, medical equipment for life support, etc.
(2) Recommended applications include:
Computers, office appliances, telecommunications devices (terminals, mobile units), measuring equipment, audiovisual equipment, home
electric appliances, factory automation equipment, etc.
Hand Crimp Tool
Contact Extraction Tool
Main Body
Locator
M22520/1-01
JP-GTC-16
JET-GTC-16
*For RoHS compliance information concerning the tools, please consult us.
Sealing Plug
Used to seal the unused grommet holes in the insert for waterproof
performance.
Part Number: J225-50124 (Drawing Number: SJ115429)
Outer shape and dimensions are for reference only, please refer to part drawings for further
product information. (Unit: mm)
14
Applicable Contacts
Accessories
Tools
Contact
Part Number
Packaging
Drawing
Number
Applicable Conductor
Cross-sectional Area
Pin Contact
J031-57179-PKG10
10 pcs.
SJ115738
1.25mm2~2.0mm2
Socket Contact J031-57180-PKG10
10 pcs.
SJ115739
Socket Contact J031-57294-PKG10
10 pcs.
SJ115740
1.5mm2~2.5mm2
Hand crimp tool and contact extraction tool is the same as for the GTC Series.
Crimp Contacts



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com