Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JK06DF10SW1 Datasheet(PDF) 5 Page - Japan Aviation Electronics Industry, Ltd.

Part # JK06DF10SW1
Description  VG95234 Qualified Circular Waterproof Connector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JK06DF10SW1 Datasheet(HTML) 5 Page - Japan Aviation Electronics Industry, Ltd.

  JK06DF10SW1 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JK06DF10SW1 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JK06DF10SW1 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. JK06DF10SW1 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. JK06DF10SW1 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. JK06DF10SW1 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. JK06DF10SW1 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. JK06DF10SW1 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. JK06DF10SW1 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MB-0285-3
5/10
JAE Connector 2nd Sales Div. Proprietary. Copyright © 2016, Japan Aviation Electronics Industry, Ltd.
Ordering Information
Type
Part Number
Drawing
Number
Applicable
Conductor
Cross-sectional
Area
18
10
Panel Mount
Receptacle
JK06AF10PN1
Pin
N
SJ116182
1.25mm2~2.0mm2
JK06AF10PW1
W
JK06AF10PX1
X
JK06AF10PY1
Y
JK06AF10PZ1
Z
Plug
JK06DF10SN1
Socket
N
SJ116183
1.25mm2~2.0mm2
JK06DF10SW1
W
JK06DF10SX1
X
JK06DF10SY1
Y
JK06DF10SZ1
Z
Plug
(Short-type
Endbell)
JK06DF10SN2
Socket
N
SJ116184
1.25mm2~2.0mm2
JK06DF10SW2
W
JK06DF10SX2
X
JK06DF10SY2
Y
JK06DF10SZ2
Z
28
37
Panel Mount
Receptacle
JK06AK37PN1
Pin
N
SJ114014
1.25mm2~2.0mm2
JK06AK37PW1
W
JK06AK37PX1
X
JK06AK37PY1
Y
JK06AK37PZ1
Z
In-line
Receptacle
JK06KK37PN1
Pin
N
SJ116272
1.25mm2~2.0mm2
JK06KK37PW1
W
JK06KK37PX1
X
JK06KK37PY1
Y
JK06KK37PZ1
Z
Plug
JK06DK37SN1
Socket
N
SJ114015
1.25mm2~2.0mm2
JK06DK37SW1
W
JK06DK37SX1
X
JK06DK37SY1
Y
JK06DK37SZ1
Z
JK06DK37SN2
Socket
N
SJ115734
1.5mm2~2.5mm2
JK06DK37SW2
W
JK06DK37SX2
X
JK06DK37SY2
Y
JK06DK37SZ2
Z



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com