Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JK06DF10SW1 Datasheet(PDF) 3 Page - Japan Aviation Electronics Industry, Ltd.

Part # JK06DF10SW1
Description  VG95234 Qualified Circular Waterproof Connector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JK06DF10SW1 Datasheet(HTML) 3 Page - Japan Aviation Electronics Industry, Ltd.

  JK06DF10SW1 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JK06DF10SW1 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JK06DF10SW1 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. JK06DF10SW1 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. JK06DF10SW1 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. JK06DF10SW1 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. JK06DF10SW1 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. JK06DF10SW1 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. JK06DF10SW1 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MB-0285-3
3/10
JAE Connector 2nd Sales Div. Proprietary. Copyright © 2016, Japan Aviation Electronics Industry, Ltd.
Electrical
Performance
Item
Defined Value
Standard
(Paragraph Number)
Dielectric Withstanding
Voltage
A.C.2550Vrms
NFF61-030 (11.3.1)
Maximum Rated Current Whole Connector: 63.1A (10 pos.),
96.2A (37 pos.), 124.8A (48 pos.)
Individual Connector: 13A
NFF61-030 (11.3.5)
Insulation Resistance
5000MΩ min.
NFF61-030 (11.3.2)
Contact Resistance
2.5mΩ max.
NFF61-030 (11.3.3)
Environmental
Resistance
Item
Meets Function and Performance
At Below Test Conditions
Standards for
Reference
(Paragraph Number)
High-temperature
High-humidity Test
Temperature: 40 Deg. C
Relative humidity: 95%
Applied period of time: 21 days
NFF61-030 (11.4.1)
Sine Wave Vibration
Frequency: 10 ~ 100Hz
Acceleration: 19.6m/s2
Period of time: 15 minutes / cycle
(10  100  10Hz) 2 hours for
each axis, 4 hours total
NFF61-030 (11.5.2)
Vibration Durability
Random vibration, applied to each
axis for 5h x 3 axis
Acceleration of
Vertical vibration: 7.9m/s2
Horizontal vibration: 3.5m/s2
Longitudinal vibration: 5.5m/s2
EN61373
(EN50467 6.16)
Waterproof
(When Mated)
IP67 minimum
IEC60529
Heat Shock
(Heat Cycle)
Temperature range: -40 Deg. C ~
+100 Deg. C, 5 Cycles
NFF61-030 (11.4.2)
Mating Durability
Mating cycles: 500 times
NFF61-030 (11.6.1)
Corrosion (Salt Spray)
Saltwater concentration: 5%
Test tank temperature: 35 Deg. C
Exposure time: 500h
NFF61-030 (11.4.3)
Shock Resistance
Impact strength: 294m/s2
Semi-sine wave 18msec
NFF61-030 (11.5.1)
High Temperature
Resistance
Temperature: 125 Deg. C
Exposure time: 96h
NFF61-030 (11.6.2)
Ozone Resistance
Concentration: 200 ± 20pphm
Exposure time: 24h
NFF61-030 (11.4.6)
・
Please refer to the below documents for specifications and handling instructions.
Specifications
JACS-50103
Handling Instructions
JAHL-50103
General Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com