Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB1 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # KB1
Description  High-Current Connectors for Solar Panel Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

KB1 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  KB1 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. KB1 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. KB1 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. KB1 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. KB1 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. KB1 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. KB1 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MB-0220-1
2/7
JAE PMK Div. Proprietary. Copyright © 2010, Japan Aviation Electronics Industry, Ltd.
Materials and Finishes
Component
Material and Finish
Contact
Copper Alloy / Silver Plating
Insulator
Synthetic Resin
Bushing
Synthetic Rubber
Gland Nut
Synthetic Resin
“O” ring
Synthetic Resin
Number of Contacts: 1 pos.
Rated Current: 25 A max. (KB1-12-PC/SC)
10A max. (KB1-12-PC2/SC2)
Rated Voltage: 1000 VDC / 6000 VAC; Pollution Degree: 3; Over Voltage Category: III
Contact Resistance: 1.5 mΩ max. (KB1-12-PC/SC), 4 mΩ max. (KB1-12-PC2/SC2)
Dielectric Withstanding Voltage: 6,000 V
Operating Temperature Range: -40 Deg. C to 90 Deg. C
Protection Degree: IP-67 (when mated)
General Specifications
Appearance: Compact size (17.8mm in diameter).
Lock mechanism (mating): Center impeller type prevents deformation of the spring
caused by rough mating and un-mating.
Smooth insertion and mating of the connectors within 180 Deg. C of rotation.
(Please refer to supporting documents)
Lock mechanism (un-mating): Simple lock structure, clear click sound when releasing,
one action to un-mate.
Features



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com