Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB1 Datasheet(PDF) 5 Page - Japan Aviation Electronics Industry, Ltd.

Part # KB1
Description  High-Current Connectors for Solar Panel Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

KB1 Datasheet(HTML) 5 Page - Japan Aviation Electronics Industry, Ltd.

  KB1 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. KB1 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. KB1 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. KB1 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. KB1 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. KB1 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. KB1 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MB-0220-1
5/7
JAE PMK Div. Proprietary. Copyright © 2010, Japan Aviation Electronics Industry, Ltd.
Ordering Information
Pin Contact
Part Number
Drawing No.
Conductor Size
Quantity
KB1-12-PC-1500
SJ108969
3.5 to 4 mm2
1,500 pcs/reel
±0.2
9
±0.2
φ1.5
±0.2
13.5
±0.2
18
±0.2
2
±0.05
t0.5
( 5.1 )
( 1.3 )
(PITCH BETWEEN TERMINALS)
A
A
Part Number
Drawing No.
Conductor Size
Quantity
KB1-12-PC2-2000
SJ110313
2.0 to 2.5 mm2
2,000 pcs/reel
±0.2
7.4
±0.2
φ1.5
±0.2
11.1
±0.2
14.8
±0.2
2
±0.05
t0.35
( 4 )
( 1.7 )
(PITCH BETWEEN TERMINALS)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com