Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB1 Datasheet(PDF) 3 Page - Japan Aviation Electronics Industry, Ltd.

Part # KB1
Description  High-Current Connectors for Solar Panel Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

KB1 Datasheet(HTML) 3 Page - Japan Aviation Electronics Industry, Ltd.

  KB1 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. KB1 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. KB1 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. KB1 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. KB1 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. KB1 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. KB1 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MB-0220-1
3/7
JAE PMK Div. Proprietary. Copyright © 2010, Japan Aviation Electronics Industry, Ltd.
Ordering Information
KB1 J S 01 P G *
Pin Connector
SERIES
SHELL SIZE
NUMBER OF CONTACTS
P: CRIMP TYPE PIN CONTACT
CONTACT SIZE
APPLICABLE CABLE O.D.
1: 7.0 mm in dia.,
2: 6.4 mm in dia.
CABLE CONNECTING TYPE
“O”Ring
Insulator
Bushing
Gland Nut
Part Number
Drawing No.
Cable Size
KB1JS01PG1
7.0 mm in dia.
KB1JS01PG2
SJ108904
6.4 mm in dia.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com