Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB1 Datasheet(PDF) 4 Page - Japan Aviation Electronics Industry, Ltd.

Part # KB1
Description  High-Current Connectors for Solar Panel Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

KB1 Datasheet(HTML) 4 Page - Japan Aviation Electronics Industry, Ltd.

  KB1 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. KB1 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. KB1 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. KB1 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. KB1 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. KB1 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. KB1 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MB-0220-1
4/7
JAE PMK Div. Proprietary. Copyright © 2010, Japan Aviation Electronics Industry, Ltd.
Part Number
Drawing No.
Cable Size
KB1JS01SGlL
7.0 mm in dia.
KB1JS01SG2L
SJ110287
6.4 mm in dia.
Ordering Information
Socket Connector
SERIES
SHELL SIZE
NUMBER OF CONTACTS
S: CRIMP TYPE SOCKET CONTACT
CONTACT SIZE
APPLICABLE CABLE O.D.
1: 7.0 mm in dia.
2: 6.4 mm in dia.
CABLE CONNECTING TYPE
L: WITH UNLOCK TAB
Insulator
Bushing Gland Nut
KB1 J S 01 S G * L



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com