Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3578 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3578
Description  Switching Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3578 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM3578 Datasheet HTML 1Page - National Semiconductor (TI) LM3578 Datasheet HTML 2Page - National Semiconductor (TI) LM3578 Datasheet HTML 3Page - National Semiconductor (TI) LM3578 Datasheet HTML 4Page - National Semiconductor (TI) LM3578 Datasheet HTML 5Page - National Semiconductor (TI) LM3578 Datasheet HTML 6Page - National Semiconductor (TI) LM3578 Datasheet HTML 7Page - National Semiconductor (TI) LM3578 Datasheet HTML 8Page - National Semiconductor (TI) LM3578 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Typical Performance Characteristics (Continued)
Test Circuit*
Parameter tests can be made using the test circuit shown.
Select the desired V
in, collector voltage and duty cycle with
adjustable power supplies. A digital volt meter with an input
resistance greater than 100 M
Ω should be used to measure
the following:
Input Reference Voltage to Ground; S1 in either position.
Level Shift Accuracy (%) = (T
P3(V)/1V) x 100%;S1atI1 = I2
= 1mA
Input Current (mA) = (1V − T
p3 (V))/1 MΩ:S1atI1 = I2 =
0 mA.
Oscillator parameters can be measured at T
p4 using a fre-
quency counter or an oscilloscope.
The Current Limit Sense Voltage is measured by connecting
an adjustable 0-to-1V floating power supply in series with the
current limit terminal and referring it to either the ground or
the V
in terminal. Set the duty cycle to 90% and monitor test
point T
P5 while adjusting the floating power supply voltage
until the LM1578A’s duty cycle just reaches 0%. This voltage
is the Current Limit Sense Voltage.
The Supply Current should be measured with the duty cycle
at 0% and S1 in the I
1 = I2 = 0 mA position.
*LM1578A specifications are measured using automated
test equipment. This circuit is provided for the customer’s
convenience when checking parameters. Due to possible
variations in testing conditions, the measured values from
these testing procedures may not match those of the factory.
Current Limit Sense Voltage
Drift with Temperature
DS008711-38
Current Limit Response Time
for Various Over Drives
DS008711-39
Current Limit Sense Voltage
vs Supply Voltage
DS008711-40
Supply Current
DS008711-41
Supply Current
DS008711-42
Collector Current with
Emitter Output Below Ground
DS008711-43
5
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com