Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3578 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3578
Description  Switching Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3578 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3578 Datasheet HTML 1Page - National Semiconductor (TI) LM3578 Datasheet HTML 2Page - National Semiconductor (TI) LM3578 Datasheet HTML 3Page - National Semiconductor (TI) LM3578 Datasheet HTML 4Page - National Semiconductor (TI) LM3578 Datasheet HTML 5Page - National Semiconductor (TI) LM3578 Datasheet HTML 6Page - National Semiconductor (TI) LM3578 Datasheet HTML 7Page - National Semiconductor (TI) LM3578 Datasheet HTML 8Page - National Semiconductor (TI) LM3578 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Total Supply Voltage
50V
Collector Output to Ground
−0.3V to +50V
Emitter Output to Ground (Note 2)
−1V to +50V
Power Dissipation (Note 3)
Internally limited
Output Current
750 mA
Storage Temperature
−65˚C to +150˚C
Lead Temperature
(soldering, 10 seconds)
260˚C
Maximum Junction Temperature
150˚C
ESD Tolerance (Note 4)
2 kV
Operating Ratings
Ambient Temperature Range
LM1578A
−55˚C
≤ T
A ≤+125˚C
LM2578A
−40˚C
≤ T
A ≤+85˚C
LM3578A
0˚C
≤ T
A ≤+70˚C
Junction Temperature Range
LM1578A
−55˚C
≤ T
J ≤+150˚C
LM2578A
−40˚C
≤ T
J ≤+125˚C
LM3578A
0˚C
≤ T
J ≤+125˚C
Electrical Characteristics
These specifications apply for 2V
≤ V
IN ≤ 40V (2.2V ≤ VIN ≤ 40V for TJ ≤ −25˚C), timing capacitor CT = 3900 pF, and 25% ≤
duty cycle
≤ 75%, unless otherwise specified. Values in standard typeface are for T
J = 25˚C; values in boldface type apply for
operation over the specified operating junction temperature range.
LM1578A
LM2578A/
Symbol
Parameter
Conditions
Typical
Limit
LM3578A
Units
(Note 5)
(Note 6)
(Note 11)
Limit
(Note 7)
OSCILLATOR
f
OSC
Frequency
20
kHz
22.4
24
kHz (max)
17.6
16
kHz (min)
∆f
OSC/∆T
Frequency Drift with
−0.13
%/˚C
Temperature
Amplitude
550
mV
p-p
REFERENCE/COMPARATOR (Note 8)
V
R
Input Reference
I
1 = I2 = 0 mA and
1.0
V
Voltage
I
1 = I2 = 1mA ±1% (Note 9)
1.035/1.050
1.050/1.070 V (max)
0.965/0.950
0.950/0.930
V (min)
∆V
R/∆VIN
Input Reference Volt-
I
1 = I2 = 0 mA and
0.003
%/V
age Line Regulation
I
1 = I2 = 1mA ±1% (Note 9)
0.01/0.02
0.01/0.02
%/V (max)
I
INV
Inverting Input
I
1 = I2 = 0 mA, duty cycle = 25%
0.5
µA
Current
Level Shift Accuracy
Level Shift Current = 1 mA
1.0
%
5/8
10/13
% (max)
∆V
R/∆t
Input Reference
100
ppm/1000h
Voltage Long Term
Stability
OUTPUT
V
C (sat)
Collector Saturation
I
C = 750 mA pulsed, Emitter
0.7
V
Voltage
grounded
0.85/1.2
0.90/1.2
V (max)
V
E (sat)
Emitter Saturation
I
O = 80 mA pulsed,
1.4
V
Voltage
V
IN = VC = 40V
1.6/2.1
1.7/2.0
V (max)
I
CES
Collector Leakage
V
IN = VCE = 40V, Emitter
0.1
µA
Current
grounded, Output OFF
50/100
200/250
µA (max)
BV
CEO(SUS)
Collector-Emitter
I
SUST = 0.2A (pulsed), VIN = 060
V
Sustaining Voltage
50
50
V (min)
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com