Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3578 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3578
Description  Switching Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3578 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM3578 Datasheet HTML 8Page - National Semiconductor (TI) LM3578 Datasheet HTML 9Page - National Semiconductor (TI) LM3578 Datasheet HTML 10Page - National Semiconductor (TI) LM3578 Datasheet HTML 11Page - National Semiconductor (TI) LM3578 Datasheet HTML 12Page - National Semiconductor (TI) LM3578 Datasheet HTML 13Page - National Semiconductor (TI) LM3578 Datasheet HTML 14Page - National Semiconductor (TI) LM3578 Datasheet HTML 15Page - National Semiconductor (TI) LM3578 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Typical Applications (Continued)
For a full line of standard inductor values, contact Pulse En-
gineering (San Diego, Calif.) regarding their PE526XX se-
ries, or A. I. E. Magnetics (Nashville, Tenn.).
A more precise inductance value may be calculated for the
Buck, Boost and Inverting Regulators as follows:
BUCK
L = V
o (Vin −Vo)/(∆IL Vin fosc)
BOOST
L = V
in (Vo −Vin)/(∆IL fosc Vo)
INVERT
L = V
in |Vo|/[∆IL(Vin +|Vo|)fosc]
where
∆I
L is the current ripple through the inductor. ∆IL is
usually chosen based on the minimum load current expected
of the circuit. For the buck regulator, since the inductor cur-
rent I
L equals the load current IO,
∆I
L = 2 • IO(min)
∆I
L = 140 mA for this circuit. ∆IL can also be interpreted as
∆I
L = 2 • (Discontinuity Factor) • IL
where the Discontinuity Factor is the ratio of the minimum
load current to the maximum load current. For this example,
the Discontinuity Factor is 0.2.
The remainder of the components of
Figure 15 are chosen
as follows:
C1 is the timing capacitor found in
Figure 1.
C2
≥ V
o (Vin −Vo)/(8fosc
2V
inVrippleL1)
where V
ripple is the peak-to-peak output voltage ripple.
C3 is necessary for continuous operation and is generally in
the 10 pF to 30 pF range.
D1 should be a Schottky type diode, such as the 1N5818 or
1N5819.
BUCK WITH BOOSTED OUTPUT CURRENT
For applications requiring a large output current, an external
transistor may be used as shown in
Figure 17. This circuit
steps a 15V supply down to 5V with 1.5A of output current.
The output ripple is 50 mV, with an efficiency of 80%, a load
regulation of 40 mV (150 mA to 1.5A), and a line regulation
of 20 mV (12V
≤ V
in ≤ 18V).
Component values are selected as outlined for the buck
regulator with a discontinuity factor of 10%, with the addition
of R4 and R5:
R4 = 10V
BE1Bf/Ip
R5 = (V
in −V−VBE1 −Vsat)Bf/(IL(max, DC) +IR4)
where:
V
BE1 is the VBE of transistor Q1.
V
sat is the saturation voltage of the LM1578A output transis-
tor.
V is the current limit sense voltage.
B
f is the forced current gain of transistor Q1 (Bf = 30 for Fig-
ure 17 ).
I
R4 = VBE1/R4
I
p = IL(max, DC) + 0.5∆IL
BOOST REGULATOR
The boost regulator converts a low input voltage into a
higher output voltage. The basic configuration is shown in
Figure 18. Energy is stored in the inductor while the transis-
tor is on and then transferred with the input voltage to the
output capacitor for filtering when the transistor is off. Thus,
V
o = Vin +Vin(ton/toff).
DS008711-8
Vin = 15V
R4 = 200
Ω
Vo = 5V
R5 = 330
Ω
Vripple = 50 mV
C1 = 1820 pF
Io = 1.5A
C2 = 330 µF
fosc = 50 kHz
C3 = 20 pF
R1 = 40 k
Ω
L1 = 220 µH
R2 = 10 k
Ω
D1 = 1N5819
R3 = 0.05
Ω
Q1 = D45
FIGURE 17. Buck Converter with Boosted Output Current
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com