Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3578 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3578
Description  Switching Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3578 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM3578 Datasheet HTML 10Page - National Semiconductor (TI) LM3578 Datasheet HTML 11Page - National Semiconductor (TI) LM3578 Datasheet HTML 12Page - National Semiconductor (TI) LM3578 Datasheet HTML 13Page - National Semiconductor (TI) LM3578 Datasheet HTML 14Page - National Semiconductor (TI) LM3578 Datasheet HTML 15Page - National Semiconductor (TI) LM3578 Datasheet HTML 16Page - National Semiconductor (TI) LM3578 Datasheet HTML 17Page - National Semiconductor (TI) LM3578 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Typical Applications (Continued)
BUCK-BOOST REGULATOR
The Buck-Boost Regulator, shown in
Figure 22, may step a
voltage up or down, depending upon whether or not the de-
sired output voltage is greater or less than the input voltage.
In this case, the output voltage is 12V with an input voltage
from 9V to 15V. The circuit exhibits an efficiency of 75%, with
a load regulation of 60 mV (10 mA to 100 mA) and a line
regulation of 52 mV.
R1 = (V
o − 1) R2 where R2 = 10 kΩ
R3 = V/0. 75A
R4, C1, C3 and C4 are defined in the “Boost Regulator” sec-
tion.
D1 and D2 are Schottky type diodes such as the 1N5818 or
1N5819.
where:
V
d is the forward voltage drop of the diodes.
V
sat is the saturation voltage of the LM1578A output transis-
tor.
V
sat1 is the saturation voltage of transistor Q1.
L1
≥ (V
in −Vsat −Vsat1)(ton/Ip)
where:
RS-232 LINE DRIVER POWER SUPPLY
The power supply, shown in
Figure 23, operates from an in-
put voltage as low as 4.2V (5V nominal), and delivers an out-
put of ±12V at ±40 mA with better than 70% efficiency. The
circuit provides a load regulation of ±150 mV (from 10% to
100% of full load) and a line regulation of ±10 mV. Other no-
table features include a cycle-by-cycle current limit and an
output voltage ripple of less than 40 mVp-p.
A unique feature of this circuit is its use of feedback from
both outputs. This dual feedback configuration results in a
sharing of the output voltage regulation by each output so
that neither side becomes unbalanced as in single feedback
systems. In addition, since both sides are regulated, it is not
necessary to use a linear regulator for output regulation.
The feedback resistors, R2 and R3, may be selected as fol-
lows by assuming a value of 10 k
Ω for R1;
R2 = (V
o − 1V)/45.8 µA = 240 kΩ
R3 = (|V
o| +1V)/54.2 µA = 240 kΩ
Actually, the currents used to program the values for the
feedback resistors may vary from 40 µA to 60 µA, as long as
their sum is equal to the 100 µA necessary to establish the
1V threshold across R1. Ideally, these currents should be
equal (50 µA each) for optimal control. However, as was
done here, they may be mismatched in order to use standard
resistor values. This results in a slight mismatch of regulation
between the two outputs.
The current limit resistor, R4, is selected by dividing the cur-
rent limit threshold voltage by the maximum peak current
level in the output switch. For our purposes R4 = 110 mV/
750 mA = 0.15
Ω. A value of 0.1Ω was used.
DS008711-12
Vin = 5V
R4 = 190
Ω
Vo = −15V
R5 = 82
Ω
Vripple = 5mV
R6 = 220 k
Ω
Io = 300 mA
C1 = 1820 pF
Imin = 60 mA
C2 = 1000 µF
fosc = 50 kHz
C3 = 20 pF
R1 = 160 k
Ω
C4 = 0.0022 µF
R2 = 10 k
Ω
L1 = 150 µH
R3 = 0.01
Ω
D1 = 1N5818
FIGURE 21. Inverting Regulator
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com