Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM393WDT Datasheet(PDF) 10 Page - Rohm

Part # LM393WDT
Description  SIGNATURE SERIES Comparators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM393WDT Datasheet(HTML) 10 Page - Rohm

Back Button LM393WDT Datasheet HTML 6Page - Rohm LM393WDT Datasheet HTML 7Page - Rohm LM393WDT Datasheet HTML 8Page - Rohm LM393WDT Datasheet HTML 9Page - Rohm LM393WDT Datasheet HTML 10Page - Rohm LM393WDT Datasheet HTML 11Page - Rohm LM393WDT Datasheet HTML 12Page - Rohm LM393WDT Datasheet HTML 13Page - Rohm LM393WDT Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR0G200530-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
10/34
6.July.2015 Rev.001
TSZ22111・15・001
LM393xxx
LM2903xx
LM339xx
LM2901xx
Typical Performance Curves - continued
○
LM393xxx/LM2903xx
(*)The above characteristics are measurements of typical sample, they are not guaranteed.
LM393:-40°C to +85°C LM2903:-40°C to +125°C
Figure 9. Input Offset Voltage vs Supply Voltage
Figure 6. Output Saturation Voltage vs
Ambient Temperature ( ISINK=4mA)
Figure 7. Output Saturation Voltage vs
Output Sink Current (Vcc
+=5V)
Figure 8. Output Sink Current vs
Ambient Temperature (VO=1.5V)
0
50
100
150
200
-50
-25
0
25
50
75
100
125
150
Ambient Temperature [°C]
36V
5V
2V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
2
4
6
8
1012 14 161820
Output Sink Current [mA]
-40°C
25°C
125°C
85°C
0
10
20
30
40
-50 -25
0
25
50
75
100 125 150
Ambient
Temperature [°C]
36V
5V
2V
-8
-6
-4
-2
0
2
4
6
8
010
20
30
40
Supply Voltage [V]
-40°C
25°C
125°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com