Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM393WDT Datasheet(PDF) 4 Page - Rohm

Part # LM393WDT
Description  SIGNATURE SERIES Comparators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM393WDT Datasheet(HTML) 4 Page - Rohm

  LM393WDT Datasheet HTML 1Page - Rohm LM393WDT Datasheet HTML 2Page - Rohm LM393WDT Datasheet HTML 3Page - Rohm LM393WDT Datasheet HTML 4Page - Rohm LM393WDT Datasheet HTML 5Page - Rohm LM393WDT Datasheet HTML 6Page - Rohm LM393WDT Datasheet HTML 7Page - Rohm LM393WDT Datasheet HTML 8Page - Rohm LM393WDT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR0G200530-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
4/34
6.July.2015 Rev.001
TSZ22111・15・001
LM393xxx
LM2903xx
LM339xx
LM2901xx
Electric Characteristics
○
LM393xxx(Unless otherwise specified Vcc
+=+5V, Vcc-=0V, TA=25°C)
Parameter
Symbol
Temperature
Range
Limit
Unit
Conditions
Min
Typ
Max
Input Offset Voltage (Note 9,10)
VIO
25°C
-
1
7
mV
Vcc
+=5V to 30V, VO=1.4V
VICM=0 to 1.5V
Full range
-
-
9
Input Offset Current (Note 9,10)
IIO
25°C
-
5
50
nA
VO=1.4V
Full range
-
-
150
Input Bias Current (Note 9,10)
IIB
25°C
-
25
250
nA
VO=1.4V
Full range
-
-
400
Large Signal Voltage Gain
AV
25°C
25
200
-
V/mV
Vcc
+=15V
VO=1.4V to 11.4V, RL=15kΩ
Supply Current (Note 10)
(All Comparators)
ICC
25°C
-
0.4
1
mA
Vcc
+=5V, No Load
Full range
-
1
2.5
Vcc
+=30V, No Load
Input Common-mode
Voltage Range (Note 10)
VICM
25°C
0
-
Vcc
+-1.5
V
-
Full range
0
-
Vcc
+-2.0
Output Saturation Voltage (Note 10)
(Low Level Output Voltage)
VOL
25°C
-
250
400
mV
VID=-1V, ISINK=4mA
Full range
-
-
700
Output Leakage Current (Note 10)
(High Level Output Current)
ILEAK
25°C
-
0.1
-
nA
Vcc
+=30V, VID=1V
VO=30V
Full range
-
-
1
μA
Output Sink Current (Note 10,11)
ISINK
Full range
6
16
-
mA
VID=-1V, VO=1.5V
Small Signal Response Time
tRE
25°C
-
1.3
-
μs
RL=5.1kΩ, VRL=5V
VIN=100mVp-p,
Overdrive=5mV
Large Signal Response Time
tREL
25°C
-
300
-
ns
RL=5.1kΩ, VRL=5V
VIN=TTL input, VREF=1.4V
(Note 9) Absolute value
(Note 10) Full range: TA=-40°C to +85°C
(Note 11) Consider the power dissipation of the IC under high temperature environment when selecting the output current value.
There may be a case where the output current value is reduced due to the rise in IC temperature caused by the heat generated inside the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com