Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM393WDT Datasheet(PDF) 32 Page - Rohm

Part # LM393WDT
Description  SIGNATURE SERIES Comparators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM393WDT Datasheet(HTML) 32 Page - Rohm

Back Button LM393WDT Datasheet HTML 28Page - Rohm LM393WDT Datasheet HTML 29Page - Rohm LM393WDT Datasheet HTML 30Page - Rohm LM393WDT Datasheet HTML 31Page - Rohm LM393WDT Datasheet HTML 32Page - Rohm LM393WDT Datasheet HTML 33Page - Rohm LM393WDT Datasheet HTML 34Page - Rohm LM393WDT Datasheet HTML 35Page - Rohm LM393WDT Datasheet HTML 36Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR0G200530-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
32/34
6.July.2015 Rev.001
TSZ22111・15・001
LM393xxx
LM2903xx
LM339xx
LM2901xx
Ordering Information
L
M
x
x
x
x
x
x
T
Part Number
LM393DT
LM393WDT
LM393PT
LM393WPT
LM393ST
LM339DT
LM339PT
LM2903DT
LM2903PT
LM2901DT
LM2901PT
ESD Tolerance
applicable
W : 2kV
None : Normal
Package type
D : S.O package
P : SSOP
S : Mini SO
Packaging and forming specification
T: Embossed tape and reel
Line-up
Topr
Channels
ESD
Package
Orderable
Part Number
-40°C to +85°C
2
Normal
SO Package8
Reel of 2500
LM393DT
TSSOP8
Reel of 2500
LM393PT
Mini SO8
Reel of 2500
LM393ST
2kV
SO Package8
Reel of 2500
LM393WDT
TSSOP8
Reel of 2500
LM393WPT
4
Normal
SO Package14
Reel of 2500
LM339DT
TSSOP14
Reel of 2500
LM339PT
-40°C to +125°C
2
Normal
SO Package8
Reel of 2500
LM2903DT
TSSOP8
Reel of 2500
LM2903PT
4
SO Package14
Reel of 2500
LM2901DT
TSSOP14
Reel of 2500
LM2901PT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com