Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM393WDT Datasheet(PDF) 1 Page - Rohm

Part # LM393WDT
Description  SIGNATURE SERIES Comparators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM393WDT Datasheet(HTML) 1 Page - Rohm

  LM393WDT Datasheet HTML 1Page - Rohm LM393WDT Datasheet HTML 2Page - Rohm LM393WDT Datasheet HTML 3Page - Rohm LM393WDT Datasheet HTML 4Page - Rohm LM393WDT Datasheet HTML 5Page - Rohm LM393WDT Datasheet HTML 6Page - Rohm LM393WDT Datasheet HTML 7Page - Rohm LM393WDT Datasheet HTML 8Page - Rohm LM393WDT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
www.rohm.com
TSZ02201-0RFR0G200530-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
1/34
6.July.2015 Rev.001
TSZ22111・14・001
SIGNATURE SERIES
Comparators
LM393xxx
LM2903xx
LM339xx
LM2901xx
General Description
LM393xxx, LM2903xx, LM339xx, and LM2901xx
monolithic ICs integrate two or four independent
comparator circuits on a single chip and feature high
gain, low power consumption, and an operating
voltage range from 2V to 36V (single power supply).
Features
Operable with a Single Power Supply
Wide Operating Supply Voltage Range
Input / Output Ground Sense
Low Supply Current
Open Collector
Wide Temperature Range
Application
Consumer Electronics
Current Sense Application
Battery Monitor
Multivibrator
Pin Configuration
SO Package8:
LM393DT
(SOP-J8)
LM393WDT
LM2903DT
TSSOP8:
LM393PT
(TSSOP-B8)
LM393WPT
LM2903PT
Mini SO8:
LM393ST
(TSSOP-B8J)
Pin Description
LM393xxx/LM2903xx
Key Specifications
Operating Supply Voltage:
Single Supply
+2V to +36V
Dual Supply
±1V to ±18V
Supply Current:
LM393xxx/LM2903xx
0.4mA (Typ)
LM339xx/LM2901xx
1.1mA (Typ)
Input Bias Current:
25nA (Typ)
Input Offset Current:
5nA (Typ)
Temperature Range:
LM393xx/LM339xxx
-40°C to + 85°C
LM2903xx/LM2901xx
-40°C to +125°C
Packages
W(Typ) x D(Typ) x H(Max)
SO Package8
4.90mm x 6.0mm x 1.55mm
TSSOP8
3.00mm x 6.4mm x 1.10mm
Mini SO8
3.00mm x 4.9mm x 0.95mm
SO Package14
8.65mm x 6.0mm x 1.55mm
TSSOP14
5.00mm x 6.4mm x 1.10mm
Pin No.
Pin Name
Function
1
OUTPUT 1
CH1 Output
2
INVERTING INPUT 1
CH1 Inverting Input
3
NON-INVERTING INPUT 1
CH1 Non-inverting Input
4
Vcc
-
Negative power supply
5
NON-INVERTING INPUT 2
CH2 Non-inverting Input
6
INVERTING INPUT 2
CH2 Inverting Input
7
OUTPUT 2
CH2 Output
8
Vcc
+
Positive power supply
NON-INVERTING
INPUT 1
OUTPUT 2
Vcc
+
OUTPUT 1
INVERTING
INPUT 1
Vcc
-
INVERTING
INPUT 2
NON-INVERTING
INPUT 2
+
CH2
-
+
CH1
-
+
1
2
3
4
8
7
6
5
○
Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays.
Datasheet


Similar Part No. - LM393WDT

ManufacturerPart #DatasheetDescription
logo
Rohm
LM393WDT ROHM-LM393WDT Datasheet
307Kb / 6P
SILICON MONNOLITHIC INTEGRATED CIRCUIT
LM393WDT ROHM-LM393WDT Datasheet
422Kb / 18P
SIGNATURE SERIES Comparators
More results

Similar Description - LM393WDT

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN1339 PANASONIC-AN1339 Datasheet
44Kb / 3P
Quadruple Comparators
AN1393 PANASONIC-AN1393 Datasheet
29Kb / 3P
Dual Comparators
logo
ATMEL Corporation
AT90SP0801 ATMEL-AT90SP0801 Datasheet
100Kb / 12P
Secure Signature Generation Chip
logo
Rohm
LM358DT ROHM-LM358DT_11 Datasheet
974Kb / 18P
SIGNATURE SERIES Operational Amplifiers
2011.06 - Rev.B
LM393DR ROHM-LM393DR Datasheet
463Kb / 18P
TROPHY SERIES Comparators
LM393DT ROHM-LM393DT_11 Datasheet
422Kb / 18P
SIGNATURE SERIES Comparators
LM393MX ROHM-LM393MX_11 Datasheet
709Kb / 17P
NOW SERIES Comparators
logo
Analog Devices
ADCMP391 AD-ADCMP391 Datasheet
375Kb / 17P
Comparators
4/16-Rev. C to Rev. D
ADCMP394 AD-ADCMP394 Datasheet
409Kb / 18P
Comparators
5/16-Rev. A to Rev. B
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200_18 Datasheet
140Kb / 18P
Comparators
March, 2018 ??Rev. 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com