Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 5 Page - Linear Integrated Systems

Part # LTC2913
Description  Surge Stopper
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC2913 Datasheet(HTML) 5 Page - Linear Integrated Systems

  LTC2913 Datasheet HTML 1Page - Linear Integrated Systems LTC2913 Datasheet HTML 2Page - Linear Integrated Systems LTC2913 Datasheet HTML 3Page - Linear Integrated Systems LTC2913 Datasheet HTML 4Page - Linear Integrated Systems LTC2913 Datasheet HTML 5Page - Linear Integrated Systems LTC2913 Datasheet HTML 6Page - Linear Integrated Systems LTC2913 Datasheet HTML 7Page - Linear Integrated Systems LTC2913 Datasheet HTML 8Page - Linear Integrated Systems LTC2913 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LT4356-1/LT4356-2
5
4356fa
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 12V unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to GND unless otherwise
specified.
Note 3: An internal clamp limits the GATE pin to a minimum of 10V above
the OUT pin. Driving this pin to voltages beyond the clamp may damage
the device.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VSHDN(FLT) SHDN Pin Float Voltage
VCC = 12V to 48V
l
0.6
1.2
2.1
V
ISHDN
SHDN Pin Current
VSHDN = 0V
l
–1
–4
–8
μA
tOFF(OC)
Overcurrent Turn Off Delay Time
GATE From High to Low,
ΔVSNS = 0 → 120mV
l
24
μs
tOFF(OV)
Overvoltage Turn Off Delay Time
GATE From High to Low, VFB = 0 → 1.5V
l
0.25
1
μs
TYPICAL PERFORMANCE CHARACTERISTICS
ICC (Shutdown) vs VCC
ICC vs VCC
VCC (V)
0
0
10
20
30
40
20
40
60
80
4356 G01
50
60
10
30
50
70
LT4356-1
VCC (V)
0
0
200
400
600
20
40
60
80
4356 G02
800
1000
10
30
50
70
Specifications are at VCC = 12V, TA = 25°C unless otherwise noted.
ICC (Shutdown) vs VCC
VCC (V)
0
0
20
40
20
40
60
80
4356 G20
120
LT4356-2
IN+ = 1.3V
60
80
100
10
30
50
70
TEMPERATURE (°C)
–50
0
50
100
150
200
0
50
100
125
4356 G21
250
300
–25
25
75
LT4356-2
ICC (Shutdown) vs Temperature
ICC (Shutdown) vs Temperature
TEMPERATURE (°C)
–50
0
5
10
15
20
0
50
100
125
4356 G03
25
35
30
–25
25
75
LT4356-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com