Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 13 Page - Linear Integrated Systems

Part # LTC2913
Description  Surge Stopper
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC2913 Datasheet(HTML) 13 Page - Linear Integrated Systems

Back Button LTC2913 Datasheet HTML 9Page - Linear Integrated Systems LTC2913 Datasheet HTML 10Page - Linear Integrated Systems LTC2913 Datasheet HTML 11Page - Linear Integrated Systems LTC2913 Datasheet HTML 12Page - Linear Integrated Systems LTC2913 Datasheet HTML 13Page - Linear Integrated Systems LTC2913 Datasheet HTML 14Page - Linear Integrated Systems LTC2913 Datasheet HTML 15Page - Linear Integrated Systems LTC2913 Datasheet HTML 16Page - Linear Integrated Systems LTC2913 Datasheet HTML 17Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LT4356-1/LT4356-2
13
4356fa
voltage N-channel MOSFETs. For systems with VCC less
than 8V, a logic level MOSFET is required since the gate
drive can be as low as 4.5V.
The SOA of the MOSFET must encompass all fault condi-
tions. In normal operation the pass transistor is fully on,
dissipating very little power. But during either overvoltage
or overcurrent faults, the GATE pin is servoed to regu-
late either the output voltage or the current through the
MOSFET. Large current and high voltage drop across the
MOSFET can coexist in these cases. The SOA curves of
the MOSFET must be considered carefully along with the
selection of the fault timer capacitor.
Transient Stress in the MOSFET
During an overvoltage event, the LT4356 drives a series
pass MOSFET to regulate the output voltage at an acceptable
level. The load circuitry may continue operating throughout
this interval, but only at the expense of dissipation in the
MOSFET pass device. MOSFET dissipation or stress is a
function of the input voltage waveform, regulation voltage
and load current. The MOSFET must be sized to survive
this stress.
Most transient event specifications use the model shown
in Figure 3. The idealized waveform comprises a linear
ramp of rise time tr, reaching a peak voltage of VPK and
exponentially decaying back to VIN with a time constant
of t. A common automotive transient specification has
constants of tr = 10μs, VPK = 80V and τ = 1ms. A surge
condition known as “load dump” has constants of tr =
5ms, VPK = 60V and τ = 200ms.
This fixed early warning period allows the systems to per-
form necessary backup or house-keeping functions before
the power supply is cut off. After VTMR crosses the 1.35V
threshold, the pass transistor turns off immediately. Note
that during an overcurrent event, the timer current is not
reduced to 5μA after VTMR has reached 1.25V threshold,
since it would lengthen the overall fault timer period and
cause more stress on the power MOSFET.
As soon as the fault condition has disappeared, a 2μA
current starts to discharge the timer capacitor to ground.
When VTMR reaches the 0.5V threshold, the internal charge
pump starts to pull the GATE pin high, turning on the
MOSFET. The TMR pin is then actively regulated to 0.5V
until the next fault condition appears. The total cool down
timer period is given by:
tCOOL =
CTMR • 0.85V
2μA
MOSFET Selection
The LT4356 drives an N-channel MOSFET to conduct the
load current. The important features of the MOSFET are
on-resistance RDS(ON), the maximum drain-source voltage
V(BR)DSS, the threshold voltage, and the SOA.
The maximum allowable drain-source voltage must be
higher than the supply voltage. If the output is shorted
to ground or during an overvoltage event, the full supply
voltage will appear across the MOSFET.
The gate drive for the MOSFET is guaranteed to be more
than 10V and less than 16V for those applications with VCC
higher than 8V. This allows the use of standard threshold
APPLICATIONS INFORMATION
Figure 3. Prototypical Transient Waveform
VPK
τ
VIN
4356 F03
tr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com