Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 16 Page - Linear Integrated Systems

Part # LTC2913
Description  Surge Stopper
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC2913 Datasheet(HTML) 16 Page - Linear Integrated Systems

Back Button LTC2913 Datasheet HTML 12Page - Linear Integrated Systems LTC2913 Datasheet HTML 13Page - Linear Integrated Systems LTC2913 Datasheet HTML 14Page - Linear Integrated Systems LTC2913 Datasheet HTML 15Page - Linear Integrated Systems LTC2913 Datasheet HTML 16Page - Linear Integrated Systems LTC2913 Datasheet HTML 17Page - Linear Integrated Systems LTC2913 Datasheet HTML 18Page - Linear Integrated Systems LTC2913 Datasheet HTML 19Page - Linear Integrated Systems LTC2913 Datasheet HTML 20Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LT4356-1/LT4356-2
16
4356fa
APPLICATIONS INFORMATION
Shutdown
The LT4356 can be shut down to a low current mode when
the voltage at the SHDN pin goes below the shutdown
threshold of 0.6V. The quiescent current drops to 7μA for
the LT4356-1 and 60μA for the LT4356-2 which leaves the
auxiliary amplifier on.
The SHDN pin can be pulled up to VCC or below GND by
up to 60V without damaging the pin. Leaving the pin open
allows an internal current source to pull it up and turn
on the part while clamping the pin to 2.5V. The leakage
current at the pin should be limited to no more than 1μA
if no pull up device is used to help turn it on.
Supply Transient Protection
The LT4356 is guaranteed to be safe from damage with
supply voltages up to 100V. Nevertheless, voltage tran-
sients above 100V may cause permanent damage. During
a short-circuit condition, the large change in current flowing
through power supply traces and associated wiring can
cause inductive voltage transients which could exceed
100V. To minimize the voltage transients, the power trace
parasitic inductance should be minimized by using wide
traces. A small surge suppressor, D2, in Figure 9, at the
input will clamp the voltage spikes.
A total bulk capacitance of at least 22μF low ESR electro-
lytic is required close to the source pin of MOSFET Q1. In
addition, the bulk capacitance should be at least 10 times
larger than the total ceramic bypassing capacitor on the
input of the DC/DC converter.
Figure 8. Overvoltage Regulator with P-Channel MOSFET
Reverse Input Protection
Figure 9. Overvoltage Regulator with Low-Battery Detection
CTMR
0.1μF
RSNS
10mΩ
Q1
IRLR2908
Q2
Si4435
VIN
12V
VOUT
12V, 3A
CLAMPED
AT 16V
4356 F08
LT4356S
GND
TMR
10
1
OUT
SNS
3
5
SHDN
7
AOUT
11
IN+
12
VCC
6
EN
FLT
FB
9
8
2
R2
4.99k
R1
59k
GATE
4
R6
10k
D1
1N5245
15V
R3
10Ω
D2*
SMAJ58CA
*DIODES INC.
CTMR
47nF
*SANYO 25CE22GA
R3
10Ω
RSNS
10mΩ
Q1
IRLR2908
D2
SMAJ58A
VIN
4356 F09
LT4356S
GND
TMR
OUT
GATE
SNS
IN+
SHDN
AOUT
FAULT
EN
FLT
UNDERVOLTAGE
FB
CL*
22μF
DC-DC
CONVERTER
GND
SHDN
VCC
R2
4.99k
R4
383k
R5
100k
R1
59k
10
1
3
4
5
7
12
VCC
6
11
2
9
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com