Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 21 Page - Linear Integrated Systems

Part # LTC2913
Description  Surge Stopper
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC2913 Datasheet(HTML) 21 Page - Linear Integrated Systems

Back Button LTC2913 Datasheet HTML 17Page - Linear Integrated Systems LTC2913 Datasheet HTML 18Page - Linear Integrated Systems LTC2913 Datasheet HTML 19Page - Linear Integrated Systems LTC2913 Datasheet HTML 20Page - Linear Integrated Systems LTC2913 Datasheet HTML 21Page - Linear Integrated Systems LTC2913 Datasheet HTML 22Page - Linear Integrated Systems LTC2913 Datasheet HTML 23Page - Linear Integrated Systems LTC2913 Datasheet HTML 24Page - Linear Integrated Systems LTC2913 Datasheet HTML 25Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LT4356-1/LT4356-2
21
4356fa
TYPICAL APPLICATIONS
Overvoltage Regulator with Reverse Input Protection Up to –80V
CTMR
0.1μF
RSNS
10mΩ
Q1
IRLR2908
Q2
IRLR2908
VIN
12V
VOUT
12V, 3A
CLAMPED
AT 16V
4356 TA08
LT4356DE
GND
TMR
10
1
OUT
SNS
VCC
3
5
SHDN
7
AOUT
11
IN+
12
6
EN
FLT
FB
9
8
2
D2*
SMAJ58CA
R2
4.99k
R1
59k
GATE
4
R7
10k
D3**
IN4148
* DIODES INC.
** OPTIONAL COMPONENT FOR
REDUCED STANDBY CURRENT
R5
1M
Q3
2N3904
D1
1N4148
R3
10Ω
R4
10Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com