Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3936 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3936
Description  Lighting Management System for Six White LEDs and One RGB or FLASH LED
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3936 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LP3936 Datasheet HTML 5Page - National Semiconductor (TI) LP3936 Datasheet HTML 6Page - National Semiconductor (TI) LP3936 Datasheet HTML 7Page - National Semiconductor (TI) LP3936 Datasheet HTML 8Page - National Semiconductor (TI) LP3936 Datasheet HTML 9Page - National Semiconductor (TI) LP3936 Datasheet HTML 10Page - National Semiconductor (TI) LP3936 Datasheet HTML 11Page - National Semiconductor (TI) LP3936 Datasheet HTML 12Page - National Semiconductor (TI) LP3936 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MicroWire Timing Parameters (Continued)
Symbol
Parameter
Limit
Units
Min
Max
10
Output Data Valid
55
ns
11
Output Data Hold Time
15
ns
12
CS Inactive Time
10
ns
Note: Data guaranteed by design.
I
2C Compatible Interface
I
2C SIGNALS
In I
2C mode the LP3936 pin SCL is used for the I2C clock and the pin CS is used for the I2C data signal SDA. Both these signals
need a pull-up resistor according to I
2C specification. Unused pin DO can be left unconnected and pin DI must be connected to
V
DD_IO or GND.
I
2C DATA VALIDITY
The data on SDA line must be stable during the HIGH period of the clock signal (SCL). In other words, state of the data line can
only be changed when CLK is LOW.
20081411
I
2C START AND STOP CONDITIONS
START and STOP bits classify the beginning and the end of the I
2C session. START condition is defined as SDA signal
transitioning from HIGH to LOW while SCL line is HIGH. STOP condition is defined as the SDA transitioning from LOW to HIGH
while SCL is HIGH. The I
2C master always generates START and STOP bits. The I2C bus is considered to be busy after START
condition and free after STOP condition. During data transmission, I
2C master can generate repeated START conditions. First
START and repeated START conditions are equivalent, function-wise.
20081412
TRANSFERRING DATA
Every byte put on the SDA line must be eight bits long, with the most significant bit (MSB) being transferred first. Each byte of data
has to be followed by an acknowledge bit. The acknowledge related clock pulse is generated by the master. The transmitter
releases the SDA line (HIGH) during the acknowledge clock pulse. The receiver must pull down the SDA line during the 9th clock
pulse, signifying an acknowledge. A receiver which has been addressed must generate an acknowledge after each byte has been
received.
After the START condition, the I
2C master sends a chip address. This address is seven bits long followed by an eighth bit which
is a data direction bit (R/W). The LP3936 address is 36h. For the eighth bit, a “0” indicates a WRITE and a “1” indicates a READ.
The second byte selects the register to which the data will be written. The third byte contains data to write to the selected register.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com