Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3936 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3936
Description  Lighting Management System for Six White LEDs and One RGB or FLASH LED
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3936 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LP3936 Datasheet HTML 12Page - National Semiconductor (TI) LP3936 Datasheet HTML 13Page - National Semiconductor (TI) LP3936 Datasheet HTML 14Page - National Semiconductor (TI) LP3936 Datasheet HTML 15Page - National Semiconductor (TI) LP3936 Datasheet HTML 16Page - National Semiconductor (TI) LP3936 Datasheet HTML 17Page - National Semiconductor (TI) LP3936 Datasheet HTML 18Page - National Semiconductor (TI) LP3936 Datasheet HTML 19Page - National Semiconductor (TI) LP3936 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Recommended External Components (Continued)
List of Recommended External Components
Symbol
Symbol Explanation
Value
Unit
Type
C
VDD1
V
DD1 bypass capacitor
1
µF
Ceramic, X7R
C
VDD2
V
DD2 bypass capacitor
1
µF
Ceramic, X7R
C
OUT
Output capacitor from FB to GND
10
µF
Ceramic, X7R/Y5V
C
IN
Input capacitor from Battery Voltage to GND
10
µF
Ceramic, X7R/Y5V
C
VDDIO
V
DDIO bypass capacitor
1
µF
Ceramic, X7R
C
VDDA
Internal LDO output capacitor, between V
DDA and GND
1
µF
Ceramic, X7R
RT
Oscillator Frequency Bias Resistor
82
k
Ω
1% (Note 16)
RDO
DO output pull-up resistor
100
k
Ω
C
VREF
Reference Voltage Capacitor, between V
REF and GND
100
nF
Ceramic, X7R
L
BOOST
Boost converter inductor
10
µH
Shielded, Low ESR, I
SAT A1A
D
OUT
Rectifying Diode, V
F @ Maxload
0.3
V
Schottky Diode
RGB
RGB LED
User Defined
(See Application Note AN-1293 for resistor size calculation)
R
R,RG,RB
Current Limit Resistors
LEDs
White LEDs
Note 16: Resistor RT tolerance change will change the timing accuracy of the RGB block. Also the boost converter switching frequency will be affected.
Control Registers
All user accessible control registers and register bits are shown in the following table.
ADDR
SETUP
D7
D6
D5
D4
D3
D2
D1
D0
00H
Control register rgb_pwm rgb_start
cycle[1]
cycle[0]
rsw
gsw
bsw
pfm_mode
01H
ron
ron[6]
ron[5]
ron[4]
ron[3]
ron[2]
ron[1]
ron[0]
02H
roff
roff[6]
roff[5]
roff[4]
roff[3]
roff[2]
roff[1]
roff[0]
03H
gon
gon[6]
gon[5]
gon[4]
gon[3]
gon[2]
gon[1]
gon[0]
04H
goff
goff[6]
goff[5]
goff[4]
goff[3]
goff[2]
goff[1]
goff[0]
05H
bon
bon[6]
bon[5]
bon[4]
bon[3]
bon[2]
bon[1]
bon[0]
06H
boff
boff[6]
boff[5]
boff[4]
boff[3]
boff[2]
boff[1]
boff[0]
07H
rslope, rduty
rslope[3]
rslope[2]
rslope[1]
rslope[0]
rduty[3]
rduty[2]
rduty[1]
rduty[0]
08H
gslope, gduty
gslope[3] gslope[2] gslope[1]
gslope[0]
gduty[3]
gduty[2]
gduty[1]
gduty[0]
09H
bslope, bduty
bslope[3] bslope[2] bslope[1]
bslope[0]
bduty[3]
bduty[2]
bduty[1]
bduty[0]]
0AH
wled current 1
wled1[7]
wled1[6]
wled1[5]
wled1[4]
wled1[3]
wled1[2]
wled1[1]
wled1[0]
0BH
enables
overflow
nstby
en_boost
en_flash
en_ambave
en_ambadc
en_4led
en_2led
0CH
Amb. Light data
ain[7]
ain[6]
ain[5]
ain[4]
ain[3]
ain[2]
ain[1]
ain[0]
0DH
boost output
boost[7]
boost[6]
boost[5]
boost[4]
boost[3]
boost[2]
boost[1]
boost[0]
2AH
wled current 2
wled2[7]
wled2[6]
wled2[5]
wled2[4]
wled2[3]
wled2[2]
wled2[1]
wled2[0]
2BH
ext pwm enable
en_redpwm en_greenpwm en_bluepwm en_4ledpwm en_2ledpwm
Default value of each register is 0000 0000 except the following
— boost output default is 0000 0111 = 07h (4.55V).
— enables default is x010 0000 = 20h (boost enabled)
— ext_pwm_enable default is 0001 1100 = 1Ch (RGB_EN control enabled for color outputs)
Register 0Ch all bits (ain[7:0]) and bit D7 in register 0Bh (overflow) are read only. All other bits are read-write.
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com