Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3936 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3936
Description  Lighting Management System for Six White LEDs and One RGB or FLASH LED
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3936 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LP3936 Datasheet HTML 9Page - National Semiconductor (TI) LP3936 Datasheet HTML 10Page - National Semiconductor (TI) LP3936 Datasheet HTML 11Page - National Semiconductor (TI) LP3936 Datasheet HTML 12Page - National Semiconductor (TI) LP3936 Datasheet HTML 13Page - National Semiconductor (TI) LP3936 Datasheet HTML 14Page - National Semiconductor (TI) LP3936 Datasheet HTML 15Page - National Semiconductor (TI) LP3936 Datasheet HTML 16Page - National Semiconductor (TI) LP3936 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Boost Output Voltage Control
User can control the boost output voltage by boost output 8-bit register.
Boost[7:0]
Register 0Dh
BOOST Output
Voltage
(typical)
Binary
Hex
0000 0000
00
4.10
0000 0001
01
4.25
0000 0011
03
4.40
0000 0111
07
4.55 Default
0000 1111
0F
4.70
0001 1111
1F
4.85
0011 1111
3F
5.00
0111 1111
7F
5.15
1111 1111
FF
5.30
Boost Output Voltage Control
20081418
Magnetic Boost DC/DC Converter Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
LOAD
Load Current
3.0V
≤ V
IN
≤ 4.5V
V
OUT = 4.55V
0
250
mA
V
OUT
Output Voltage Accuracy (FB Pin)
1 mA
≤ I
LOAD
≤ 225 mA
3.0V
≤ V
IN
≤ V (FB)−0.5V
V
OUT = 4.55V
−5
+5
%
Output Voltage (FB Pin)
1 mA
≤ I
LOAD
≤ 250 mA
3.0V < V
IN < 4.55V +
V
(SCHOTTKY)
4.55
V
1mA
≤ I
LOAD
≤ 250 mA
V
IN > 4.55V + V(SCHOTTKY)
V
IN–V(SCHOTTKY)
V
RDS
ON
Switch ON Resistance
V
DD1,2 = 3.6V, ISW = 0.5A
0.4
0.5
Ω
f
PWF
PWM Mode Switching Frequency
RT = 82 k
Ω
1
MHz
Frequency Accuracy
RT = 82 k
Ω
−6
±3+6
%
−10
+10
t
STARTUP
Startup Time
25
ms
I
CL_OUT
OUT Pin Current Limit
V
DD = 3.6V
600
750
1050
mA
400
1200
PFM/PWM Mode
User can change the Boost converters mode between PWM (Pulse Width Modulation) and PFM (Pulse Frequency Modulation).
The startup is done on PFM mode and then the device runs on PWM mode (as a default). User can set PFM mode by turning
“pfm_mode” register bit HIGH. PFM is recommended to use with light loads and PWM with high loads.
Boost Standby Mode
User can set boost converter to STANDBY mode by writing register bit EN_BOOST low. This mode can be useful when driving
LEDs directly from battery voltage. This may be possible if LED forward voltage is low, battery voltage is high and LED current
is low.
When EN_BOOST is written high, the converter starts for 10 ms in PFM mode and then goes to PWM mode if PWM mode has
been selected (default).
Unused Boost Converter
If the boost converter is not used, it should be disabled by writing bit en_boost low. OUT pin should be connected to GND and
FB pin to the LED supply voltage.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com