Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3936 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3936
Description  Lighting Management System for Six White LEDs and One RGB or FLASH LED
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3936 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3936 Datasheet HTML 1Page - National Semiconductor (TI) LP3936 Datasheet HTML 2Page - National Semiconductor (TI) LP3936 Datasheet HTML 3Page - National Semiconductor (TI) LP3936 Datasheet HTML 4Page - National Semiconductor (TI) LP3936 Datasheet HTML 5Page - National Semiconductor (TI) LP3936 Datasheet HTML 6Page - National Semiconductor (TI) LP3936 Datasheet HTML 7Page - National Semiconductor (TI) LP3936 Datasheet HTML 8Page - National Semiconductor (TI) LP3936 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LP3936
Lighting Management System for Six White LEDs and
One RGB or FLASH LED
General Description
LP3936 is a complete lighting management system de-
signed for portable wireless applications. It contains a boost
DC/DC converter, 4 white LED drivers to drive the main LCD
panel backlight, 2 white LED drivers for sub-LCD panel and
1 set of RGB LED drivers.
Both WLED groups have 8-bit programmable constant cur-
rent drivers that are separately adjustable and matched to
1% (typ.). For efficient backlighting the backlight intensity
can be adjusted using the 8-bit ADC with ambient light
detection circuit.
The RGB LED drivers are PWM-driven with programmable
color, intensity and blinking patterns. In addition, they feature
a FLASH function to support picture taking with camera-
enabled cellular phones.
An efficient magnetic boost converter provides the required
bias operating from a single Li-Ion battery. The DC/DC con-
verter output voltage is user programmable for adapting to
different LED types and for efficiency optimization. All func-
tions
are
software
controllable
through
an
I
2C and
MicroWire/SPI compatible interface and 16 internal regis-
ters.
Features
n
High Efficiency 250 mA Magnetic Boost DC-DC
Converter with Programmable Output Voltage
n
PWM controlled RGB LED drivers with programmable
color, brightness, turn on/off slopes and blinking
n
FLASH function with 3 drivers, each up to 120 mA
current
n
4 constant current White LED drivers with
programmable 8-bit adjustment (0 … 25 mA/LED)
n
2 constant current White LED drivers with
programmable 8-bit adjustment (0 … 25 mA/LED)
n
8-bit ADC for ambient light sensor with averaging
n
Combined MicroWire/SPI and I
2C compatible serial
interface
n
Low current Standby mode (software controlled)
n
Low voltage digital interface down to 1.8V
n
Space efficient 32-pin thin CSP laminate package
Applications
n
Cellular Phones
n
PDAs
Typical Application
20081401
June 2004
© 2004 National Semiconductor Corporation
DS200814
www.national.com


Similar Part No. - LP3936

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3936 TI1-LP3936 Datasheet
1Mb / 30P
Lighting Management System for Six White LEDs and One RGB
LP3936SL/NOPB TI1-LP3936SL/NOPB Datasheet
1Mb / 30P
Lighting Management System for Six White LEDs and One RGB
More results

Similar Description - LP3936

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3933 NSC-LP3933 Datasheet
406Kb / 18P
Lighting Management System for Six White LEDs and Two RGB or FLASH LEDs
logo
Sharp Corporation
IR2E46Y SHARP-IR2E46Y Datasheet
344Kb / 14P
Illumination and Flash RGB-LED Driver
logo
Advanced Analogic Techn...
AAT3128 ANALOGICTECH-AAT3128 Datasheet
630Kb / 13P
RGB LED Fashion Lighting Controller
AAT2860 ANALOGICTECH-AAT2860 Datasheet
2Mb / 23P
Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
logo
STMicroelectronics
STLD20CP1 STMICROELECTRONICS-STLD20CP1 Datasheet
298Kb / 19P
Power management for white LED and camera flash
20-Nov-2007
logo
Advanced Analog Technol...
AAT2861IMK-1-T1 AAT-AAT2861IMK-1-T1 Datasheet
3Mb / 27P
Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
2009.02.1.2
logo
ATMEL Corporation
MSL2100BR ATMEL-MSL2100BR Datasheet
3Mb / 20P
8-string, High-power, White or RGB LED Drivers for TVs, Monitors, or Intelligent Solid-state Lighting
MSL3082CS ATMEL-MSL3082CS Datasheet
2Mb / 16P
8-string, High-power, White or RGB LED Driver for TV, Blacklighting, or Intelligent Solid-state Lighting
logo
Texas Instruments
LP3936 TI1-LP3936 Datasheet
1Mb / 30P
Lighting Management System for Six White LEDs and One RGB
LED171596A TI1-LED171596A Datasheet
1Mb / 153P
96-LED Matrix Driver for RGB and White LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com