Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8718SA Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # TLE8718SA
Description  Smart 18-Channel Lowside Switch with Micro Second Bus
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8718SA Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button TLE8718SA Datasheet HTML 35Page - Infineon Technologies AG TLE8718SA Datasheet HTML 36Page - Infineon Technologies AG TLE8718SA Datasheet HTML 37Page - Infineon Technologies AG TLE8718SA Datasheet HTML 38Page - Infineon Technologies AG TLE8718SA Datasheet HTML 39Page - Infineon Technologies AG TLE8718SA Datasheet HTML 40Page - Infineon Technologies AG TLE8718SA Datasheet HTML 41Page - Infineon Technologies AG TLE8718SA Datasheet HTML 42Page - Infineon Technologies AG TLE8718SA Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
TLE 8718 SA
Diagnosis
Data Sheet
39
Rev. 1.1, 2012-07-31
Figure 11
SCG and OL diagnosis function (not tested, overview only)
8.2
Encoding of Diagnostic Information
All fault conditions are encoded in two bits per stage and are stored in the corresponding registers (DIAREG1...5).
Additionally there is one central diagnostic overtemperature bit (COTW) (this bit is set to ‘0’ if DOT occurred at any
stage).
The common failure bit (DIAREG6, bit FAILURE_FLAG) is set to ‘0’ if SCB, SCG, OL or DOT is detected on any
output stage (OUT1...18). Only if all the stage diagnostic bits are ‘1’, the FAILURE_FLAG bit is ‘1’.
The diagnosis registers can be read via MSC.
When a valid MSC read command (RD_DATA) is detected, the selected diagnosis register information is moved
to a shift register for transmission (MSC upstream). At the same time the selected diagnosis register is cleared.
Table 18
Encoding of diagnosis information
Encoding of the diagnosis bits of the device
OUTn_DIA2
OUTn_DIA1
description
1
1
Power stage ok
1
0
Short circuit to battery (SBC) or diagnostic overtemperature
(DOT)
0
1
Open load (OL)
0
0
Short circuit to ground (SCG)
IOUTn
0
IOUTn_DIA_N(min)
VBAT
VOUTn_BIAS
VOUTn
O.K.
OL
SCG
IOUTn_DIA_P(max)
IOUTn_DIA_N(max)
IOUTn_DIA_P(min)
Output stage is switched off for this measurement
VOUTn_OL
VOUTn_SCG
600µA
220µA
-100µA
-300µA
IOUTn
0
IOUTn_DIA_N(min)
VBAT
VOUTn
O.K.
SCG
IOUTn_DIA_N(max)
Il_OUTn(max)
Drawing6_SCG_and_OL_Diagnosis _Function.vsd
VOUTn_SCG
20...35µA
-100µA
-300µA
Diagnostic pull-down current and Open Load OL on
Diagnostic pull -down current and Open Load OL off
VOUTn_BIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com