Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8718SA Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE8718SA
Description  Smart 18-Channel Lowside Switch with Micro Second Bus
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8718SA Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE8718SA Datasheet HTML 8Page - Infineon Technologies AG TLE8718SA Datasheet HTML 9Page - Infineon Technologies AG TLE8718SA Datasheet HTML 10Page - Infineon Technologies AG TLE8718SA Datasheet HTML 11Page - Infineon Technologies AG TLE8718SA Datasheet HTML 12Page - Infineon Technologies AG TLE8718SA Datasheet HTML 13Page - Infineon Technologies AG TLE8718SA Datasheet HTML 14Page - Infineon Technologies AG TLE8718SA Datasheet HTML 15Page - Infineon Technologies AG TLE8718SA Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 82 page
background image
Data Sheet
12
Rev. 1.1, 2012-07-31
TLE 8718 SA
General Product Characteristics
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous or repetitive operation.
Figure 4
Short Circuit test set-up
4.2.10 Input Pins
DELAYIN, SVBATT
V
DELAYIN_MR,
V
SVBATT_MR
-0.3
40
V
C
–
4.2.11 Current into Pin
SIP, SIN, SI,
FCLP, FCLN, FCL,
SSY, DIS5_10, RST,
DELAYIN, SVBATT, SDO
I
SIP_MR, ISIN_MR, ISI_MR,
I
FCLP_MR, IFCLN_MR,
I
FCL_MR, ISSY_MR,
I
DIS5_10_MR, IRST_MR,
I
DELAYIN_MR,
I
SVBATT_MR, ISDO_MR
-10
10
mA C
1)
4.2.12 Current into Pin DELAYOUT, ABE
I
DELAYOUT_MR, IABE_MR
-10
15
mA C
1)
Temperatures
4.2.13 Junction Temperature
Tj
-40
150
°CC
–
4.2.14 Storage Temperature
T
STG
-55
150
°CC
–
1) Other maximum ratings (like Item 4.2.7 to Item 4.2.10 or Item 4.2.13) are not allowed to be exceeded.
Table 3
Maximum Ratings
T
j = -40°C to +150°C, all voltages with respect to PGND, positive current flowing into pin, unless otherwise
specified
Pos. Parameter
Symbol
Values
Unit TC Conditions
min.
max.
PGND
OUTn
RECU
LHarness
RHarness
VBAT
Short_Circuit_test_setup.vsd
RBAT
LBAT
5µH
20m
Ω
80m
Ω
10m
Ω
0...5µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com