Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8718SA Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # TLE8718SA
Description  Smart 18-Channel Lowside Switch with Micro Second Bus
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8718SA Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button TLE8718SA Datasheet HTML 45Page - Infineon Technologies AG TLE8718SA Datasheet HTML 46Page - Infineon Technologies AG TLE8718SA Datasheet HTML 47Page - Infineon Technologies AG TLE8718SA Datasheet HTML 48Page - Infineon Technologies AG TLE8718SA Datasheet HTML 49Page - Infineon Technologies AG TLE8718SA Datasheet HTML 50Page - Infineon Technologies AG TLE8718SA Datasheet HTML 51Page - Infineon Technologies AG TLE8718SA Datasheet HTML 52Page - Infineon Technologies AG TLE8718SA Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 82 page
background image
TLE 8718 SA
Supply, VDD Monitoring, Reset and ABE
Data Sheet
49
Rev. 1.1, 2012-07-31
Pin RST
9.8.26 RST input low level
V
RST_L
-0.3
–
1
V
B
9.8.27 RST input high level
V
RST_H
2–
36
V
B
9.8.28 RST input hysteresis
V
RST_HYS
0.1
–
0.5
V
C
9.8.29 RST input current
I
RST
-120
–
20
µA
C
-0.2V<
V
RST<VDD
9.8.30 RST input current
I
RST
-10
–
1000
µA
C
VDD<VRST<36V
9.8.31 RST input current
I
RST
-400
–
–
µA
C
-0.3V<
V
RST
9.8.32 RST pull-up current
I
RST
-50
–
-10
µA
A
0V<
V
RST<VDD–1.5V
9.8.33 Reset pulse width, RST requires
min. low level pulse width
t
RST
0.5
3.5
µs
C
1) Referred to GNDABE
2) In case of undervoltage of VDD, specification is not fulfilled: e.g. proper operation of protection functions is not guaranteed
(OUT= 1...14,17,18).
3) ABE as Output is not active
4) Integrated protection functions are designed to prevent IC destruction under fault conditions. Fault conditions are
considered as “outside” normal operating range. Protection functions are not designed for continuous or repetitive
operation. Application must take care, that current into this pin does not exceed 15mA.
Table 20
Power Supply, POR, VDD Monitoring, ABE and RST
4.5V <
V
DD < 5.5V, 4.5V < VBAT < 40V, all voltages with respect to PGND, positive current flowing into pin.,
T
j = -40°C to +150°C, unless otherwise specified
Pos.
Parameter
Symbol
Values
Unit TC Conditions
min.
typ. max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com