Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8718SA Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE8718SA
Description  Smart 18-Channel Lowside Switch with Micro Second Bus
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8718SA Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE8718SA Datasheet HTML 9Page - Infineon Technologies AG TLE8718SA Datasheet HTML 10Page - Infineon Technologies AG TLE8718SA Datasheet HTML 11Page - Infineon Technologies AG TLE8718SA Datasheet HTML 12Page - Infineon Technologies AG TLE8718SA Datasheet HTML 13Page - Infineon Technologies AG TLE8718SA Datasheet HTML 14Page - Infineon Technologies AG TLE8718SA Datasheet HTML 15Page - Infineon Technologies AG TLE8718SA Datasheet HTML 16Page - Infineon Technologies AG TLE8718SA Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
TLE 8718 SA
General Product Characteristics
Data Sheet
13
Rev. 1.1, 2012-07-31
4.3
Thermal Resistance
Note: This thermal data was generated in accordance with JEDEC JESD51 standards. For more information, go
to www.jedec.org.
Figure 5
Thermal simulation - PCB setup
Table 4
Thermal Resistance
T
j = -40°C to +150°C, all voltages with respect to PGND, positive current flowing into pin, unless otherwise
specified
Pos.
Parameter
Symbol
Values
Unit TC Conditions
min.
typ.
max.
4.3.1
Junction to Case
R
thJC
––
2
K/W C
1)
1) Power dissipation
Pv=3W distributed statically and homogeneously over all power stages. Resistive Load.
4.3.2
Junction to Ambient
R
thJA
–25
–
K/W C
see Figure 5 1)
70µm modeled (traces)
35µm, 90% metalization
35µm, 90% metalization
70µm, 5% metalization
Dimensions : 76.2 x 114.3 x 1.6 mm³; Material: FR4
Thermal Vias: diameter = 0.3 mm; plating 25 µm; 56 pcs.
Metalization accodring : JEDEC 2s2p (JESD 51-7) + (JESD 51-5)
Thermal_Setup .vsd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com