Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3910 Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP3910 Datasheet HTML 37Page - Microchip Technology MCP3910 Datasheet HTML 38Page - Microchip Technology MCP3910 Datasheet HTML 39Page - Microchip Technology MCP3910 Datasheet HTML 40Page - Microchip Technology MCP3910 Datasheet HTML 41Page - Microchip Technology MCP3910 Datasheet HTML 42Page - Microchip Technology MCP3910 Datasheet HTML 43Page - Microchip Technology MCP3910 Datasheet HTML 44Page - Microchip Technology MCP3910 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 86 page
background image
 2012-2014 Microchip Technology Inc.
DS20005116B-page 41
MCP3910
5.11
Data Ready Status Bits
In addition to the Data Ready pin indicator, the
MCP3910 device includes a separate data ready status
bit for each channel. Each ADC channel CHn is
associated to the corresponding DRSTATUS<n> that
can be read at all times in the STATUSCOM register.
These status bits can be used to synchronize the data
retrieval, in case the DR pin is not connected (see
Section 6.8
“ADC
Channels
Latching
and
Synchronization”
).
The DRSTATUS<1:0> bits are not writable; writing on
them has no effect. They have a default value of '1',
which indicates that the data of the corresponding ADC
is not ready. This means that the ADC output register
has not been updated since the last reading (or since
the last reset). The DRSTATUS bits take the '0' state,
once the ADC channel register is updated (which hap-
pens at a DRCLK rate). A simple read of the STATUS-
COM register clears all the DRSTATUS bits to their
default value ('1').
In the case of DR_LINK = 1, the DRSTATUS<1:0> bits
are all updated synchronously with the most lagging
channel, in the same time the data ready pulse is
generated. In case of DR_LINK = 0, each DRSTATUS
bit is updated independently and synchronously with its
corresponding channel.
5.12
Data Ready Link
There are two modes defined with the DR_LINK bit in
the STATUSCOM register that control the data ready
pulses. The position of the data ready pulses varies
with respect to this mode, to the OSR<2:0> and to the
PHASE register settings. Figure 5-9 represents the
behavior of the Data Ready pin with the two DR_LINK
configurations.
• DR_LINK = 0: Both data ready pulses from ADC
Channel 0 and ADC Channel 1 are output on the
DR pin.
• DR_LINK = 1 (Recommended and Default mode):
Only the data ready pulses from the most lagging
ADC between all the active ADCs are present on
the DR pin.
The lagging ADC data ready position depends on the
PHASE0/1 registers, the PRE<1:0> and the OSR<2:0>
settings. In this mode, the active ADCs are linked
together, so their data is latched together when the
lagging ADC output is ready. For power metering
applications, DR_LINK = 1 is recommended (Default
mode); it allows the host MCU to gather all channels
synchronously within a unique interrupt pulse and it
ensures that all channels have been latched at the
same time, so that no data corruption is happening.
FIGURE 5-9:
DR_LINK Configurations.
5.13
Digital System Offset and Gain
Errors
The MCP3910 incorporates two sets of additional
registers per channel to perform system digital offset
and gain error calibration. Each channel has its own set
of associated registers that will modify the output result
of the channel, if calibration is enabled. The gain and
offset calibrations can be enabled or disabled through
two
configuration
bits
(EN_OFFCAL
and
EN_GAINCAL). These two bits enable or disable
system calibration on all channels at the same time.
When both calibrations are enabled, the output of the
ADC is modified per Equation 5-8. These calibrations
are not effective in 2-Wire Interface mode.
EQUATION 5-8:
DIGITAL OFFSET AND GAIN ERROR CALIBRATION REGISTERS
CALCULATIONS
One DRCLK period
(OSR times DMCLK periods)
DR_LINK =
1
Only the most lagging data ready is present
All channels are latched together at DR falling edge
DR_LINK =
0
All channels data ready
are present
Data ready pulse
from CH1
Data ready pulse from
CH1 channel (reference)
PHASE =
0
PHASE <
0
PHASE >
0
Data ready pulse from
most lagging ADC channel
(here CH0 channel lags)
Data ready pulse from
most lagging ADC channel
Data ready pulse from CH0
channel if PHASE <
0
DR
DR
DATA_CHn post
cal
–

DATA_CHn pre
cal
–
 OFFCAL_CHn
+

1
GAINCAL_CHn
+

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com