Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3910 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 1 Page - Microchip Technology

  MCP3910 Datasheet HTML 1Page - Microchip Technology MCP3910 Datasheet HTML 2Page - Microchip Technology MCP3910 Datasheet HTML 3Page - Microchip Technology MCP3910 Datasheet HTML 4Page - Microchip Technology MCP3910 Datasheet HTML 5Page - Microchip Technology MCP3910 Datasheet HTML 6Page - Microchip Technology MCP3910 Datasheet HTML 7Page - Microchip Technology MCP3910 Datasheet HTML 8Page - Microchip Technology MCP3910 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 86 page
background image
 2012-2014 Microchip Technology Inc.
DS20005116B-page 1
MCP3910
Features:
• Two Synchronous Sampling 24-bit Resolution
Delta-Sigma A/D Converters
• 93.5 dB SINAD, -107 dBc Total Harmonic
Distortion (THD) (up to 35th harmonic), 112 dB
Spurious-Free Dynamic Range (SFDR) for Each
Channel
• Flexible Serial Interface that Includes Both SPI
and a Simple 2-Wire Interface Ideal for Polyphase
Shunt Energy Meters
• Enables 0.1% Typical Active Power Measurement
Error over a 10,000:1 Dynamic Range
• Advanced Security Features:
- 16-bit Cyclic Redundancy Check (CRC)
Checksum on All Communications for Secure
Data Transfers
- 16-bit Cyclic Redundancy Check (CRC)
Checksum and Interrupt Alert for Register-
Map Configuration
- Register-Map Lock with 8-bit Secure Key
• 2.7V – 3.6V AVDD, DVDD
• Programmable Data Rate, up to 125 ksps:
- 4 MHz Maximum Sampling Frequency
- 16 MHz Maximum Master Clock
• Oversampling Ratio, up to 4096
• Ultra Low-Power Shutdown Mode with < 10 µA
• -122 dB Crosstalk between Channels
• Low Drift 1.2V Internal Voltage Reference:
9 ppm/°C
• Differential Voltage Reference Input Pins
• High-Gain Programmable Gain Amplifier (PGA)
on Each Channel (up to 32 V/V)
• Phase Delay Compensation with 1 µs Time
Resolution
• Separate Data Ready Pin for Easy
Synchronization
• Individual 24-bit Digital Offset and Gain Error
Correction for Each Channel
• High-Speed 20 MHz SPI Interface with Mode 0,0
and 1,1 Compatibility
• Continuous Read/Write Modes for Minimum
Communication with Dedicated 16-/32-bit Modes
• Available in 20-lead QFN and SSOP Packages
• Extended Temperature Range: -40°C to +125°C
(All Specifications are Valid Down to -45°C
Operation)
Description:
The MCP3910 is a 3V two-channel Analog Front End
(AFE), containing two synchronous sampling delta-
sigma, Analog-to-Digital Converters (ADC), two
programmable gain amplifiers (PGA), phase delay
compensation
block,
low-drift
internal
voltage
reference, digital offset and gain errors calibration
registers, and high-speed 20 MHz SPI-compatible
serial interface.
The MCP3910 ADCs are fully configurable with
features such as: 16-/24-bit resolution, Oversampling
Ration (OSR) from 32 to 4096, gain from 1x to 32x,
independent Shutdown and Reset, dithering and auto-
zeroing. Communication is largely simplified with 8-bit
commands, including various continuous read/write
modes and 16-/24-/32-bit data formats that can be
accessed by the Direct Memory Access (DMA) of an
8-/16- or 32-bit MCU, and with the separate data ready
pin that can directly be connected to an Interrupt
Request (IRQ) input of an MCU.
The MCP3910 includes advanced security features to
secure the communications and the configuration
settings, such as a CRC-16 checksum on both serial
data outputs and on the static register map
configuration. It also includes a register-map lock
through an 8-bit password to stop unwanted write
commands from processing.
For polyphase shunt-based energy meters, the
MCP3910 2-Wire serial interface greatly reduces
system cost, requiring only a single bidirectional
isolator per phase.
The MCP3910 is capable of interfacing a variety of
voltage and current sensors, including shunts, current
transformers, Rogowski coils and Hall-effect sensors.
Applications:
• Single-Phase and Polyphase Energy Meters
• Energy Metering and Power Measurement
• Automotive
• Portable Instrumentation
• Medical and Power Monitoring
• Audio/Voice Recognition
• Isolated Sensor Applications
3V Two-Channel Analog Front End


Similar Part No. - MCP3910

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3910 MICROCHIP-MCP3910 Datasheet
6Mb / 90P
3V Two-Channel Analog Front End
Revision D January 2020
MCP3910A1 MICROCHIP-MCP3910A1 Datasheet
6Mb / 90P
3V Two-Channel Analog Front End
Revision D January 2020
MCP3910A1-E/ML MICROCHIP-MCP3910A1-E/ML Datasheet
6Mb / 90P
3V Two-Channel Analog Front End
Revision D January 2020
MCP3910A1-E/SS MICROCHIP-MCP3910A1-E/SS Datasheet
6Mb / 90P
3V Two-Channel Analog Front End
Revision D January 2020
MCP3910A1T-E/ML MICROCHIP-MCP3910A1T-E/ML Datasheet
6Mb / 90P
3V Two-Channel Analog Front End
Revision D January 2020
More results

Similar Description - MCP3910

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
Microchip Technology
MCP3901 MICROCHIP-MCP3901 Datasheet
1Mb / 60P
Two Channel Analog Front End
2009
MCP3901 MICROCHIP-MCP3901_10 Datasheet
1Mb / 60P
Two-Channel Analog Front End
2010
MCP3901 MICROCHIP-MCP3901_11 Datasheet
1Mb / 62P
Two-Channel Analog Front End Portable Instrumentation
2011
MCP3913 MICROCHIP-MCP3913 Datasheet
2Mb / 82P
3V Six-Channel Analog Front End
08/20/13
MCP3912 MICROCHIP-MCP3912 Datasheet
5Mb / 82P
3V Four-Channel Analog Front End
03/25/14
MCP3919 MICROCHIP-MCP3919 Datasheet
5Mb / 88P
3V Three-Channel Analog Front End
03/25/14
MCP3918 MICROCHIP-MCP3918 Datasheet
6Mb / 88P
3V Single-Channel Analog Front End
03/25/14
MCP3914 MICROCHIP-MCP3914 Datasheet
2Mb / 80P
3V Eight-Channel Analog Front End
11/29/12
MCP3910 MICROCHIP-MCP3910_V01 Datasheet
6Mb / 90P
3V Two-Channel Analog Front End
Revision D January 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com