Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3910 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP3910 Datasheet HTML 15Page - Microchip Technology MCP3910 Datasheet HTML 16Page - Microchip Technology MCP3910 Datasheet HTML 17Page - Microchip Technology MCP3910 Datasheet HTML 18Page - Microchip Technology MCP3910 Datasheet HTML 19Page - Microchip Technology MCP3910 Datasheet HTML 20Page - Microchip Technology MCP3910 Datasheet HTML 21Page - Microchip Technology MCP3910 Datasheet HTML 22Page - Microchip Technology MCP3910 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 86 page
background image
 2012-2014 Microchip Technology Inc.
DS20005116B-page 19
MCP3910
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3-1 for and Table 2-2 for.
3.1
Master Reset/OSR0 Logic Input
(RESET/OSR0)
In SPI mode, this pin is active low and places the entire
chip in a Reset state when active.
When RESET is logic low, all registers are reset to their
default value, no communication can take place, no
clock is distributed inside the part, except in the input
structure if MCLK is applied (if MCLK is idle, then no
clock is distributed). This state is equivalent to a Power-
On Reset (POR) state.
Since the default state of the ADCs is on, the analog
power consumption when RESET is logic low is
equivalent to when RESET is logic high. Only the digital
power consumption is largely reduced because this
current consumption is essentially dynamic and is
reduced drastically when there is no clock running.
All the analog biases are enabled during a Reset, so
that the part is fully operational just after a RESET
rising edge, if MCLK is applied when RESET is logic
low. If MCLK is not applied, there is a time after a hard
reset when the conversion may not accurately
correspond to the start-up of the input structure.
This input is Schmitt-triggered.
In 2-Wire Interface mode, this is the OSR0 logic select
pin (see Section 7.0 “2-Wire Serial Interface
Description”
for the logic input table for OSR0 and
OSR1). The pin state is latched when the MODE
changes to 2-Wire Interface mode, and is relatched at
each watchdog timer reset.
TABLE 3-1:
TWO CHANNEL MCP3910 PIN FUNCTION TABLE
MCP3910
SSOP
MCP3910
QFN
Symbol
Function
1
18
RESET/OSR0
Master Reset Logic Input Pin or OSR0 Logic Input Pin
219
DVDD
Digital Power Supply Pin
320
AVDD
Analog Power Supply Pin
4
1
CH0+
Non-Inverting Analog Input Pin for Channel 0
5
2
CH0-
Inverting Analog Input Pin for Channel 0
6
3
CH1-
Inverting Analog Input Pin for Channel 1
7
4
CH1+
Non-Inverting Analog Input Pin for Channel 1
85
AGND
Analog Ground Pin, Return Path for internal analog circuitry
9
6
REFIN+/OUT
Non-Inverting Voltage Reference Input and Internal Reference
Output Pin
10
7
REFIN-
Inverting Voltage Reference Input Pin
11
8
DGND
Digital Ground Pin, Return Path for internal digital circuitry
12
9
MDAT1
Modulator Data Output Pin for Channel 1
13
10
MDAT0
Modulator Data Output Pin for Channel 0
14
11
DR/GAIN1
Data Ready Signal Output Pin or GAIN1 Logic Input Pin
15
12
OSC1/CLKI/GAIN0 Oscillator Crystal Connection Pin or External Clock Input Pin or
GAIN0 Logic Input Pin
16
13
OSC2/MODE
Oscillator Crystal Connection Pin or Serial Interface Mode Logic
Input Pin
17
14
CS/BOOST
Serial Interface Chip Select Input Pin or BOOST Logic Input Pin
18
15
SCK/MCLK
Serial Interface Clock Input Pin or Master Clock Input Pin
19
16
SDO
Serial Interface Data Input Pin
20
17
SDI/OSR1
Serial Interface Data Input Pin or OSR1 Logic Input Pin
—
21
EP
Exposed Thermal Pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com