Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3910 Datasheet(PDF) 74 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 74 Page - Microchip Technology

Back Button MCP3910 Datasheet HTML 70Page - Microchip Technology MCP3910 Datasheet HTML 71Page - Microchip Technology MCP3910 Datasheet HTML 72Page - Microchip Technology MCP3910 Datasheet HTML 73Page - Microchip Technology MCP3910 Datasheet HTML 74Page - Microchip Technology MCP3910 Datasheet HTML 75Page - Microchip Technology MCP3910 Datasheet HTML 76Page - Microchip Technology MCP3910 Datasheet HTML 77Page - Microchip Technology MCP3910 Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 86 page
background image
MCP3910
DS20005116B-page 74
 2012-2014 Microchip Technology Inc.
9.9
SECURITY Register - Password
and CRC-16 on Register Map
Name
Bits
Address
Cof
LOCK/CRC
24
0x1F
R/W
REGISTER 9-10:
LOCK/CRC REGISTER
R/W-1
R/W-0
R/W-1
R/W-0
R/W-0
R/W-1
R/W-0
R/W-1
LOCK<7>
LOCK<6>
LOCK<5>
LOCK<4>
LOCK<3>
LOCK<2>
LOCK<1>
LOCK<0>
bit 23
bit 16
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CRCREG<15>
CRCREG<14>
CRCREG<13>
CRCREG<12>
CRCREG<11>
CRCREG<10>
CRCREG<9>
CRCREG<8>
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CRCREG<7>
CRCREG<6>
CRCREG<5>
CRCREG<4>
CRCREG<3>
CRCREG<2>
CRCREG<1>
CRCREG<0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 23-16
LOCKn<7:0>:
Lock Code for the writable part of the register map
LOCK<7:0> = PASSWORD = 0xA5 (Default value): The entire register map is writable. The
CRCREG<15:0> bits and the CRC Interrupt are cleared. No CRC-16 checksum on register map is
calculated.
LOCK<7:0> different than 0xA5: The only writable register is the LOCK/CRC register. All other registers
will appear as undefined while in this mode. The CRCREG checksum is calculated continuously
and can generate interrupts if the CRC Interrupt EN_INT bit has been enabled. If a write to a reg-
ister needs to be performed, the user needs to unlock the register map beforehand by writing 0xA5
to the LOCK<7:0> bits.
bit 15-0
CRCREGn<15:0>:
CRC-16 Checksum that is calculated with the writable part of the register map as a
message. This is a read-only 16-bit code. This checksum is continuously recalculated and updated
every 12 DMCLK periods. It is reset to its default value (0x0000) when LOCK<7:0> = 0xA5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com