Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3909-E/SS Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP3909-E/SS
Description  Energy Metering IC with SPI Interface and Active Power Pulse Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3909-E/SS Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP3909-E/SS Datasheet HTML 20Page - Microchip Technology MCP3909-E/SS Datasheet HTML 21Page - Microchip Technology MCP3909-E/SS Datasheet HTML 22Page - Microchip Technology MCP3909-E/SS Datasheet HTML 23Page - Microchip Technology MCP3909-E/SS Datasheet HTML 24Page - Microchip Technology MCP3909-E/SS Datasheet HTML 25Page - Microchip Technology MCP3909-E/SS Datasheet HTML 26Page - Microchip Technology MCP3909-E/SS Datasheet HTML 27Page - Microchip Technology MCP3909-E/SS Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
MCP3909
DS22025C-page 24
 2006-2012 Microchip Technology Inc.
5.0
SERIAL INTERFACE
DESCRIPTION
5.1
Dual Functionality Pin And Serial
Interface Overview
The MCP3909 device contains three serial modes that
are accessible by changing the pin functionality of the
NEG, F2, F1, and F0 pins to SDO, SCK, SDI and CS,
respectively.
These modes are entered by giving the MCP3909
device a serial command on these pins during a time
window after device reset or POR. During this window
of time, F2 acts as SCK, F1 acts as SDI and F0 acts
as CS. Once a serial mode has been entered, the
device must be reset to disable mode functionality, or
change to another serial mode. This is done by using
MCLR pin or power on reset event.
During serial mode entry and the three serial modes,
data is clocked into the device on the rising edge of
SCK and out of the device on the falling edge of SCK.
The SPI data can be access at up to 20 MHz. This
speed enables quick data retrieval in between conver-
sion times. For 3-phase metering applications with
multiple ADCs, this fast communication is essential to
allow for power calculation windows between conver-
sions, as shown in Figure 5-3.
After a serial mode has been entered, all blocks of the
MCP3909 device are still operational. The PGA, A/D
converters, HPF, multiplier, LPF, and other digital sec-
tions are still functional, allowing the device to have
true dual functionality in energy metering systems.
FIGURE 5-1:
Dual Functionality Pins for
the MCP3909.
FIGURE 5-2:
Data Access between Data Ready Pulses using SPI Interface for a 3-phase System.
FOUT0
DGND
NEG/SDO
1
2
3
4
24
23
22
21
20
19
18
17
5
6
7
8
FOUT1
NC
CLKOUT
CLKIN
DVDD
HPF
AVDD
NC
CH0+
CH0-
CH1-
CH1+
HFOUT
16
9G0
MCLR
15
14
10
11
G1
F0/CS
REFIN/OUT
AGND
13
12
F1/SDI
F2/SCK
tSAMPLE
tLINE_CYC
SDO DR
Phase A,B,C I & V Data
16 bits
DR
tSAMPLE
IRQ
IRQ
x 6 ADCs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com