Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3909-E/SS Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP3909-E/SS
Description  Energy Metering IC with SPI Interface and Active Power Pulse Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3909-E/SS Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP3909-E/SS Datasheet HTML 26Page - Microchip Technology MCP3909-E/SS Datasheet HTML 27Page - Microchip Technology MCP3909-E/SS Datasheet HTML 28Page - Microchip Technology MCP3909-E/SS Datasheet HTML 29Page - Microchip Technology MCP3909-E/SS Datasheet HTML 30Page - Microchip Technology MCP3909-E/SS Datasheet HTML 31Page - Microchip Technology MCP3909-E/SS Datasheet HTML 32Page - Microchip Technology MCP3909-E/SS Datasheet HTML 33Page - Microchip Technology MCP3909-E/SS Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
MCP3909
DS22025C-page 30
 2006-2012 Microchip Technology Inc.
FIGURE 5-7:
Multiplier Output Mode 1 SPI Communication using 8-bit segments (Mode 0,1:
SCK idles low).
1
2
34
5
6
78
9
10
11
12
13
14
15
16
D19
D15 D14 D13
D12
D11 D10 D9 D8
MCU latches data from
Data is clocked out
on rising edges of SCK
Device on falling edges of SCK
Don’t Care
X
X
X
XXX
X
D15 D14 D13 D12
D11 D10 D9 D8
D19 D18 D17 D16
X
X
MCU Transmit Buffer
MCU Receive Buffer
X
Data is stored into the MCU
receive register after transmission
of the first 8 bits
Data is stored into the MCU
receive register after transmission
of the second 8 bits
D18 D17 D16
X
X
X
X
X
17
18
19
20
21
22
23
24
D2 D1 D0
XX
D3 D2 D1 D0
X
X
MCU Transmit Buffer
MCU Receive Buffer
Data is stored into the MCU
receive register after transmission
of the third 8 bits
D3
X
X
X
D7 D6 D5 D4
Don’t Care
X = Don’t Care Bits
N = Null Bits
0000
D7 D6 D5 D4
F1 / SDI
F2 / SCK
NEG / SDO
F0 / CS
F0 / CS
F2 / SCK
F1 / SDI
NEG / SDO
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com