Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3909-E/SS Datasheet(PDF) 34 Page - Microchip Technology

Part # MCP3909-E/SS
Description  Energy Metering IC with SPI Interface and Active Power Pulse Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3909-E/SS Datasheet(HTML) 34 Page - Microchip Technology

Back Button MCP3909-E/SS Datasheet HTML 30Page - Microchip Technology MCP3909-E/SS Datasheet HTML 31Page - Microchip Technology MCP3909-E/SS Datasheet HTML 32Page - Microchip Technology MCP3909-E/SS Datasheet HTML 33Page - Microchip Technology MCP3909-E/SS Datasheet HTML 34Page - Microchip Technology MCP3909-E/SS Datasheet HTML 35Page - Microchip Technology MCP3909-E/SS Datasheet HTML 36Page - Microchip Technology MCP3909-E/SS Datasheet HTML 37Page - Microchip Technology MCP3909-E/SS Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
MCP3909
DS22025C-page 34
 2006-2012 Microchip Technology Inc.
FIGURE 6-3:
Simplified MCU Based Energy Meter.
6.3
Meter Calibration
To achieve meter calibration the MCP3909 waveform
samples are adjusted during the power calculations on
the PIC MCU. In Figure 6-3, this interface is shown via
RS-232 on the PIC microcontroller. This process is
streamlined using calibration software available from
the Microchip’s web site.
6.4
Analog Meter Design Tips
For analog design tips and PCB layout recommenda-
tions, refer to AN994, "IEC Compliant Active Energy
Meter Design Using The MCP390X” (DS00994). This
application note includes all required energy meter
design information, including the following:
• Meter rating and current sense choices
• Shunt design
• PGA selection
• F2, F1, F0 selection
• Meter calibration
• Anti-aliasing filter design
• Compensation for parasitic shunt inductance
• EMC design
• Power supply design
• No-Load threshold
• Start-up current
• Accuracy testing results from MCP390X-based
meter
• EMC testing results from MCP390X-based meter
N
L
SCK
SDI
SDO
CS
CLKIN
CH0+
CH0-
CH1+
CH1-
AVDD,DVDD
AGND,DGND
MCP3909
RC3/SCK
RC5/SDO
RC4/SDI
RA0/ANO
GND
RC1/CCP2
RX/RC6
TX/RC7
...
LCD
kW
kWhr
kVAhr
A
V
PHA_W:16
ENERGY_W:64
ENERGY_VA_GLSB:16
PHA_I_RMS:16
PHA_V_RMS:16
RS-232
To PC or
Calibration
Equipment
OSC1
OSC2
Resistor Divider
Power Supply
Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com