Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3909-E/SS Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP3909-E/SS
Description  Energy Metering IC with SPI Interface and Active Power Pulse Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3909-E/SS Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP3909-E/SS Datasheet HTML 9Page - Microchip Technology MCP3909-E/SS Datasheet HTML 10Page - Microchip Technology MCP3909-E/SS Datasheet HTML 11Page - Microchip Technology MCP3909-E/SS Datasheet HTML 12Page - Microchip Technology MCP3909-E/SS Datasheet HTML 13Page - Microchip Technology MCP3909-E/SS Datasheet HTML 14Page - Microchip Technology MCP3909-E/SS Datasheet HTML 15Page - Microchip Technology MCP3909-E/SS Datasheet HTML 16Page - Microchip Technology MCP3909-E/SS Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
 2006-2012 Microchip Technology Inc.
DS22025C-page 13
MCP3909
Note: Unless otherwise specified, DVDD, AVDD = 5V; AGND, DGND = 0V; VREF = Internal, HPF = 1 (AC mode),
MCLK = 3.58 MHz, CH1 input = 660 mVP-P at 50 Hz, CH0 amplitude sweeps at 50 Hz.
FIGURE 2-23:
Active Power Measurement
Error with External VREF (G = 2, PF = 0.5).
FIGURE 2-24:
Active Power Measurement
Error with External VREF (G = 8, PF = 1).
FIGURE 2-25:
Active Power Measurement
Error with External VREF (G = 8, PF = 0.5).
FIGURE 2-26:
Active Power Measurement
Error with External VREF (G = 16, PF = 1).
FIGURE 2-27:
Active Power Measurement
Error with External VREF (G =16, PF = 0.5).
FIGURE 2-28:
Signal-to-Noise and
Distortion Ratio vs. Input Signal Amplitude
(G = 1).
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0.0001
0.0010
0.0100
0.1000
1.0000
CH1 Vp-p Amplitude (V)
+85°C
+25°C
-40°C
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0.0000
0.0001
0.0010
0.0100
0.1000
CH1 Vp-p Amplitude (V)
+85°C
+25°C
-40°C
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0.0000
0.0001
0.0010
0.0100
0.1000
CH1 Vp-p Amplitude (V)
+85°C
+25°C
-40°C
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0.0000
0.0001
0.0010
0.0100
0.1000
CH1 Vp-p Amplitude (V)
+85°C
+25°C
- 40°C
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0.0000
0.0001
0.0010
0.0100
0.1000
CH1 Vp-p Amplitude (V)
+85°C
+25°C
-40°C
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.0010
0.0100
0.1000
1.0000
CH0 Vp-p Amplitude (V)
0
10
20
30
40
50
60
70
80
90
100
SINAD (dBFS)
SINAD(dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com