Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3988 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP3988
Description  Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3988 Datasheet(HTML) 3 Page - Texas Instruments

  LP3988 Datasheet HTML 1Page - Texas Instruments LP3988 Datasheet HTML 2Page - Texas Instruments LP3988 Datasheet HTML 3Page - Texas Instruments LP3988 Datasheet HTML 4Page - Texas Instruments LP3988 Datasheet HTML 5Page - Texas Instruments LP3988 Datasheet HTML 6Page - Texas Instruments LP3988 Datasheet HTML 7Page - Texas Instruments LP3988 Datasheet HTML 8Page - Texas Instruments LP3988 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
LP3988-Q1
www.ti.com
SLAS928A – MARCH 2013 – REVISED JULY 2013
Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
Voltage
−0.3
6.5
V
Power good
VOUT, VEN
−0.3 V to
6
V
(VIN + 0.3 V)
Junction temperature
150
°C
Storage Temperature
−65
150
°C
Power dissipation (1)
SOT-23-5
364
mW
Human-body model (HBM) AEC-Q100 Classification Level H2
2
kV
ESD rating (2)
Charged-device model (CDM) AEC-Q100 Classification Level C4B
750
V
(1)
The Absolute Maximum power dissipation depends on the ambient temperature and can be calculated using the formula: PD = (TJ - TA) /
θJA, where TJ is the junction temperature, TA is the ambient temperature, and θ JA is the junction-to-ambient thermal resistance. The
364-mW rating appearing under Absolute Maximum Ratings for the SOT-23-5 package results from substituting the absolute-maximum
junction temperature, 150°C, for TJ, 70°C for TA, and 175°C/W for θJA. More power can be dissipated safely at ambient temperatures
below 70°C . Less power can be dissipated safely at ambient temperatures above 70°C. The absolute-maximum power dissipation can
be increased by 4.5 mW for each degree below 70°C, and it must be derated by 4.5 mW for each degree above 70°C.
(2)
The human-body model is 100 pF discharged through a 1.5-k
Ω resistor into each pin. The machine model is a 200-pF capacitor
discharged directly into each pin.
Recommended Operating Conditions
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
(2)
2.5
6
V
VOUT, VEN
0
VIN
V
Operating temperature
−40
125
°C
(1)
All voltages are with respect to the potential at the GND pin.
(2)
The minimum VIN depends on the device output option. For Vout(NOM) < 2.5V, VIN(MIN) will equal 2.5V. For Vout(NOM) ≥ 2.5V, VIN(MIN) will
equal Vout(NOM) + 200mV.
Thermal Information
SOT-23 Package
THERMAL METRIC(1)
UNIT
DBV-5
θJA
Junction-to-ambient thermal resistance
175
°C/W
θJC(top)
Junction-to-case (top) thermal resistance
78
°C/W
θJB
Junction-to-board thermal resistance
31.9
°C/W
ψJT
Junction-to-top characterization parameter
3.1
°C/W
ψJB
Junction-to-board characterization parameter
31.4
°C/W
θJC(bottom)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP3988-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com