Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3988 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP3988
Description  Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3988 Datasheet(HTML) 1 Page - Texas Instruments

  LP3988 Datasheet HTML 1Page - Texas Instruments LP3988 Datasheet HTML 2Page - Texas Instruments LP3988 Datasheet HTML 3Page - Texas Instruments LP3988 Datasheet HTML 4Page - Texas Instruments LP3988 Datasheet HTML 5Page - Texas Instruments LP3988 Datasheet HTML 6Page - Texas Instruments LP3988 Datasheet HTML 7Page - Texas Instruments LP3988 Datasheet HTML 8Page - Texas Instruments LP3988 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
2
3
4
5
VIN
VOUT
(C3)
(C1)
(A1)
(A3)
VEN
LP3988-Q1
1 F
1 F
POWER
GOOD
(B2)
LP3988-Q1
www.ti.com
SLAS928A – MARCH 2013 – REVISED JULY 2013
Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
Check for Samples: LP3988-Q1
1
FEATURES
DESCRIPTION
The LP3988-Q1 is a 150-mA low-dropout regulator
2
•
Qualified for Automotive Applications
designed specially to meet requirements of portable
•
AEC-Q100 Test Guidance With the Following
battery applications. The LP3988-Q1 works with a
Results:
space-saving, 1-µF ceramic capacitor. The LP3988-
–
Device Temperature Grade 1: –40°C to
Q1 features an error flag-output that indicates a faulty
output condition.
125°C Ambient Operating Temperature
Range
The LP3988-Q1 has performance optimized for
–
Device HBM ESD Classification Level H2
battery-powered
systems
to
deliver
low
noise,
extremely low dropout voltage, and low quiescent
–
Device CDM ESD Classification Level C4B
current. Regulator ground current increases only
•
SOT-23-5 Package
slightly in dropout, further prolonging the battery life.
•
Power-Good Flag Output
Power-supply rejection is better than 60 dB at low
•
Logic-Controlled Enable
frequencies and starts to roll off at 10 kHz. The
•
Stable With Ceramic and High Quality
device maintains high power-supply rejection down to
Tantalum Capacitors
lower
input
voltage
levels
common
to
battery-
operated circuits.
•
Fast Turnon
The device is ideal for mobile phone and similar
•
Thermal Shutdown and Short-Circuit Current
battery-powered wireless applications. It provides up
Limit
to 150 mA, from a 2.5-V to 6-V input, consuming less
than 1 µA in disable mode, and has fast turnon time
APPLICATIONS
less than 200 µs.
•
Automotive
The LP3988-Q1 is available in a 5-pin SOT-23
•
CDMA Cellular Handsets
package, has performance specified for the
−40°C to
•
Wideband CDMA Cellular Handsets
125°C temperature range, and is available in 2.85-V
output voltages. Note: For other voltage options,
•
GSM Cellular Handsets
please contact TI sales.
•
Portable Information Appliances
•
Tiny 3.3-V ± 5% to 2.85-V, 150-mA Converter
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3988

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3988 NSC-LP3988 Datasheet
292Kb / 11P
Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
logo
Texas Instruments
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3988 TI2-LP3988 Datasheet
720Kb / 26P
LP3988 Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator With Power Good
REVISED OCTOBER 2015
LP3988 TI2-LP3988 Datasheet
681Kb / 25P
LP3988-Q1 Micropower, 150-mA Ultra-Low-Dropout CMOS LDO With Power Good
REVISED NOVEMBER 2016
LP3988-Q1 TI2-LP3988-Q1 Datasheet
681Kb / 25P
LP3988-Q1 Micropower, 150-mA Ultra-Low-Dropout CMOS LDO With Power Good
REVISED NOVEMBER 2016
More results

Similar Description - LP3988

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3988 NSC-LP3988 Datasheet
292Kb / 11P
Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
logo
Texas Instruments
LP3988 TI-LP3988_15 Datasheet
1,010Kb / 25P
LP3988 Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator With Power Good
LP3988-Q1 TI-LP3988-Q1_15 Datasheet
952Kb / 17P
Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
LP2981-N TI1-LP2981-N_16 Datasheet
1Mb / 30P
Micropower 100-mA Ultralow Dropout Regulator
LP3984 TI1-LP3984 Datasheet
1Mb / 19P
Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3987 TI1-LP3987 Datasheet
1Mb / 21P
Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3995 TI1-LP3995 Datasheet
1Mb / 28P
Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com