Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3988 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP3988
Description  Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3988 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP3988 Datasheet HTML 2Page - Texas Instruments LP3988 Datasheet HTML 3Page - Texas Instruments LP3988 Datasheet HTML 4Page - Texas Instruments LP3988 Datasheet HTML 5Page - Texas Instruments LP3988 Datasheet HTML 6Page - Texas Instruments LP3988 Datasheet HTML 7Page - Texas Instruments LP3988 Datasheet HTML 8Page - Texas Instruments LP3988 Datasheet HTML 9Page - Texas Instruments LP3988 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
LP3988-Q1
SLAS928A – MARCH 2013 – REVISED JULY 2013
www.ti.com
Typical Performance Characteristics
Unless otherwise specified, CIN = COUT = 1 µF ceramic, VIN = VOUT + 0.2 V, TA = 25°C, enable pin is tied to VIN.
RIPPLE REJECTION RATIO (LP3988-Q1-2.85)
RIPPLE REJECTION RATIO (LM3988-2.85)
Figure 4.
Figure 5.
POWER-GOOD RESPONSE TIME (LP3988-Q1-2.85)
POWER-GOOD RESPONSE TIME (LP3988-Q1-2.85)
(flag pin pulled to VOUT through a 100-kΩ resistor)
(flag pin pulled to VIN through a 100-kΩ resistor)
Figure 6.
Figure 7.
POWER-GOOD RESPONSE TIME (LP3988-Q1-2.85)
(flag pin pulled to VOUT through a 100-kΩ resistor)
LINE TRANSIENT RESPONSE (LP3988-Q1-2.85)
Figure 8.
Figure 9.
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LP3988-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com