Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3988 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP3988
Description  Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3988 Datasheet(HTML) 4 Page - Texas Instruments

  LP3988 Datasheet HTML 1Page - Texas Instruments LP3988 Datasheet HTML 2Page - Texas Instruments LP3988 Datasheet HTML 3Page - Texas Instruments LP3988 Datasheet HTML 4Page - Texas Instruments LP3988 Datasheet HTML 5Page - Texas Instruments LP3988 Datasheet HTML 6Page - Texas Instruments LP3988 Datasheet HTML 7Page - Texas Instruments LP3988 Datasheet HTML 8Page - Texas Instruments LP3988 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
LP3988-Q1
SLAS928A – MARCH 2013 – REVISED JULY 2013
www.ti.com
Electrical Characteristics
Unless otherwise specified: VEN = 1.8 V, VIN = VOUT + 0.5 V, CIN = 1 µF, IOUT = 1 mA, COUT = 1 µF. Typical values and limits
appearing in standard typeface are for TA = 25°C. Limits appearing in boldface type apply over the entire operating
temperature range for operation,
−40°C to 125°C.
(1) (2)
Limit
Symbol
Parameter
Conditions
Units
Min
Typ
Max
Output voltage
−2
2
% of
tolerance
−40°C ≤ TA ≤ 125°C, SOT-23-5
−3.5
3.5
VOUT(nom)
−0.15
0.15
ΔVOUT
Line-regulation error
VIN = VOUT (NOM) + 0.5 V to 6 V
%/V
−0.2
0.2
0.005
Load-regulation error (3)
IOUT = 1 mA to 150 mA
%/mA
0.007
VIN = VOUT(nom) + 1 V,
f = 1 kHz,
65
IOUT = 50 mA (Figure 3)
PSRR
Power-supply rejection ratio
dB
VIN = VOUT(nom) + 1 V,
f = 10 kHz,
45
IOUT = 50 mA (Figure 3)
VEN = 1.4 V, IOUT = 0 mA
85
120
IQ
Quiescent current
VEN = 1.4 V, IOUT = 0 to 150 mA
140
200
µA
VEN = 0.4V
0.003
1.0
IOUT = 1 mA
1
5
Dropout Voltage (4)
mV
115
IOUT = 150 mA
80
150
ISC
Short Circuit Current Limit
See (5)
600
mA
BW = 10 Hz to 100 kHz,
en
Output Noise Voltage
220
µVrms
COUT = 1 µF
Capacitance (6)
1
20
µF
COUT
Output Capacitor
ESR (6)
5
500
m
Ω
Thermal Shutdown Temperature
160
°C
TSD
Thermal Shutdown Hysteresis
20
°C
Enable Control Characteristics (7)
IEN
Maximum Input Current at EN
VEN = 0 and VIN = 6 V
0.1
µA
VIL
Logic Low Input threshold
VIN = 2.5 V to 6 V
0.5
V
VIH
Logic High Input threshold
VIN = 2.5 V to 6 V
1.2
V
Power Good
Power Good
VTHL
Low threshold
% of VOUT (PG ON) Figure 2
90
93
95
%
VTHH
High Threshold
% of VOUT (PG OFF) Figure 2
(8)
92
95
98
VOL
PG Output Logic Low Voltage
IPULL-UP = 100 µA, fault condition
0.02
0.1
V
IPGL
PG Output Leakage Current
PG off, VPG = 6 V
0.02
µA
tON
Power Good Turn On time, (4)
VIN = 4.2V
10
µs
tOFF
Power Good Turn Off time, (4)
VIN = 4.2V
10
µs
(1)
All limits are specified. All electrical characteristics having room-temperature limits are tested during production with TA = 25°C or
correlated using Statistical Quality Control (SQC) methods. All hot and cold limits are specified by correlating the electrical
characteristics to process and temperature variations and applying statistical process control.
(2)
The target output voltage, which is labeled VOUT(nom), is the desired voltage option.
(3)
An increase in the load current results in a slight decrease in the output voltage and vice versa.
(4)
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value.
(5)
Short-circuit current is measured on input supply line after pulling down VOUT to 95% VOUT(nom).
(6)
Specified by design. The capacitor tolerance should be ±30% or better over the full temperature range. The full range of operating
conditions such as temperature, dc bias and even capacitor case size for the capacitor in the application should be considered during
device selection to ensure this minimum capacitance specification is met. X7R capacitor types are recommended to meet the full device
temperature range.
(7)
Turnon time is time measured between the enable input just exceeding VIH and the output voltage just reaching 95% of its nominal
value.
(8)
The low and high thresholds are generated together. Typically a 2.6% difference is seen between these thresholds.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LP3988-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com