Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB72 Datasheet(PDF) 153 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB72
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB72 Datasheet(HTML) 153 Page - Texas Instruments

Back Button OMAP3530ECBB72 Datasheet HTML 149Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 150Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 151Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 152Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 153Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 154Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 155Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 156Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 157Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Because the DAC PSRR deteriorates at a rate of 20 dB/dec after 100 kHz, it is highly recommended to
have vdda_dac low pass filtered (proper decoupling) (see the illustrated application: Section 5.4, External
Component Value Choice).
5.4
External Component Value Choice
The full-scale output voltage VOUTMAX is regulated by the reference amplifier, and is set by an internal
resistor RSET. IOUTMAX can be expressed as:
IOUTMAX = IREF /8 * (63 + 15/16)
(1)
Where:
VREF = 0.55V
(2)
IREF = VREF/ (2* RSET)
(3)
The output current IOUT appearing at DAC output is a function of both the input code and IOUTMAX and can
be expressed as:
IOUT = (DAC_CODE/1023) * IOUTMAX
(4)
Where:
DAC_CODE = 0 to 1023 is the DAC input code in decimal.
(5)
The output voltage is:
VOUT = IOUT *N* RCABLE
(6)
Where:
(N = amplifier gain = 21)
(7)
RCABLE = 75 Ω (cable typical impedance)
(8)
The TV-out buffer requires a per channel external resistors: ROUT1/2. The equation below can be used to
select different resistor values (if necessary):
ROUT = (N+1) RCABLE = 1650 Ω
(9)
Recommended parameter values are:
Table 5-7. Video DAC – Recommended External Components Values
Recommended Value
UNIT
CBG
100
nF
ROUT1/2
1650
Ω
In order to limit the reference noise bandwidth and to suppress transients on VREF, it is necessary to
connect a large decoupling capacitor ©BG) between the tv_vref and vssa_dac pins.
Copyright © 2008–2013, Texas Instruments Incorporated
VIDEO DAC SPECIFICATIONS
153
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com