Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB72 Datasheet(PDF) 92 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB72
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB72 Datasheet(HTML) 92 Page - Texas Instruments

Back Button OMAP3530ECBB72 Datasheet HTML 88Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 89Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 90Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 91Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 92Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 93Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 94Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 95Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 2-4. Multiplexing Characteristics (continued)
CBB
CBC
CUS
MODE 0
MODE 1
MODE 2
MODE 3
MODE 4
MODE 5
MODE 6
MODE 7
Bottom
Top
Bottom
Top
AG12
NA
AD4
NA
AC6
etk_d1
mcspi3_somi
hsusb1_data gpio_15
mm1_txse0
hsusb1_tll_d hw_dbg3
1
ata1
AH12
NA
AD3
NA
AC7
etk_d2
mcspi3_cs0
hsusb1_data gpio_16
mm1_txdat
hsusb1_tll_d hw_dbg4
2
ata2
AE13
NA
AA3
NA
AD8
etk_d3
mcspi3_clk
mmc3_dat3
hsusb1_data gpio_17
hsusb1_tll_d hw_dbg5
7
ata7
AE11
NA
Y3
NA
AC5
etk_d4
mcbsp5_dr
mmc3_dat0
hsusb1_data gpio_18
hsusb1_tll_d hw_dbg6
4
ata4
AH9
NA
AB1
NA
AD2
etk_d5
mcbsp5_fsx
mmc3_dat1
hsusb1_data gpio_19
hsusb1_tll_d hw_dbg7
5
ata5
AF13
NA
AE3
NA
AC8
etk_d6
mcbsp5_dx
mmc3_dat2
hsusb1_data gpio_20
hsusb1_tll_d hw_dbg8
6
ata6
AH14
NA
AD2
NA
AD9
etk_d7
mcspi3_cs1
mmc3_dat7
hsusb1_data gpio_21
mm1_txen_n hsusb1_tll_d hw_dbg9
3
ata3
AF9
NA
AA4
NA
AC4
etk_d8
sys_drm_ms mmc3_dat6
hsusb1_dir
gpio_22
hsusb1_tll_di hw_dbg10
ecure
r
AG9
NA
V2
NA
AD5
etk_d9
sys_secure_i mmc3_dat5
hsusb1_nxt
gpio_23
mm1_rxdm
hsusb1_tll_n hw_dbg11
ndicator
xt
AE7
NA
AE4
NA
AC3
etk_d10
uart1_rx
hsusb2_clk
gpio_24
hsusb2_tll_cl hw_dbg12
k
AF7
NA
AF6
NA
AC9
etk_d11
hsusb2_stp
gpio_25
mm2_rxdp
hsusb2_tll_st hw_dbg13
p
AG7
NA
AE6
NA
AC10
etk_d12
hsusb2_dir
gpio_26
hsusb2_tll_di hw_dbg14
r
AH7
NA
AF7
NA
AD11
etk_d13
hsusb2_nxt
gpio_27
mm2_rxdm
hsusb2_tll_n hw_dbg15
xt
AG8
NA
AF9
NA
AC11
etk_d14
hsusb2_data gpio_28
mm2_rxrcv
hsusb2_tll_d hw_dbg16
0
ata0
AH8
NA
AE9
NA
AD12
etk_d15
hsusb2_data gpio_29
mm2_txse0
hsusb2_tll_d hw_dbg17
1
ata1
AC4, J4, H4, NA
AC21, D15,
NA
F12, F13,
vdd_core
D8, AE9, D9,
G11, G18,
G12, G13,
D15, Y16,
H20, M7,
H12, H13,
AE18, Y18,
M17, R20,
J17, J18,
W18, K18,
T7, Y8, Y12
K17, K18,
J18, AE19,
K19, L14,
Y19, U19,
L15, M14,
T19, N19,
M15, R17,
M19, J19,
R18, R19,
Y20, W20,
T17, T18,
V20, U20,
T19, T20
P20, N20,
K20, J20,
D22, D23,
AE24, M25,
L25, E25
Y9, W9, T9,
NA
D13, G9,
NA
F10, G9,
vdd_mpu
R9, M9, L9,
G12, H7,
G10, H9,
_iva
J9, Y10,
K11, L9, M9,
H10, J9, J10,
U10, T10,
M10, N7, N8,
L11, L12,
R10, N10,
P10, U7,
M6, M7, M8,
M10, L10,
U11, U13,
M12, N6, N7,
J10, Y11,
V7, V11, W9,
N8, R6, R7,
W11, K11,
Y9, Y11
R8, T7, T8,
J11, W12,
U12, U13,
K13, Y14,
V12, V13,
K14, J14,
W12, W13
Y15, W15,
J15
AA15
NA
K14
NA
Y12
cap_vdd_wk
up
K15
NA
K13
NA
G18
vdds_dpll_dll
W16
NA
U12
NA
AA12
vdds_sram
AD3, AD4,
NA
A18, AC7,
NA
M17, M18,
vdds
W4, AF8,
AC15, AC18,
M19, N17,
AE8, AF16,
AC24, AD20,
N18, N19,
AE16, AF23,
AE10, C11,
U10, V9,
AE23, F25,
D9, E24, G4,
V10, W9,
F26, AG27
J15, J18, L7,
W10, Y9
L24, M4, T4,
T24, W24,
Y4, L20,
AB24, AD18,
AD19
92
TERMINAL DESCRIPTION
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com