Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB72 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB72
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB72 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OMAP3530ECBB72 Datasheet HTML 2Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 3Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 4Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 5Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 6Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 7Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 8Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 9Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 1-1. Differences Between CBB, CBC, and CUS Packages
FEATURE
CBB PACKAGE
CBC PACKAGE
CUS PACKAGE
For CBB package pin
For CBC package pin
For CUS package pin
Pin Assignments
assignments see Table 2-1, Ball
assignments see Table 2-2, Ball
assignments see Table 2-3, Ball
Characteristics (CBB Pkg.)
Characteristics (CBC Pkg.)
Characteristics (CUS Pkg.)
Package-On-Package (POP)
POP interface supported
POP interface supported
POP interface not available
Interface
Discrete Memory Interface
Discrete Memory Interface not
Discrete Memory Interface
Discrete Memory Interface
supported
supported
supported
Chip-select pins gpmc_ncs1 and
Eight chip-select pins available
Eight chip-select pins available
gpmc_ncs2 are not available
GPMC
Wait pins gpmc_wait1 and
Four wait pins available
Four wait pins available
gpmc_wait2 are not available
The following signals are either
CTS signal is available on 3 pins
available on two (double muxed)
CTS signal is available on 3 pins
(triple muxed): uart1_cts (AG22 /
or three pins (triple muxed):
(triple muxed): uart1_cts (AC19 /
UART1
W8 / T21), uart1_rts (AH22 /
uart1_cts (AE21 / T19 / W2),
AC2 / AA18), uart1_rts (W6 /
AA9), uart1_tx (F28 / Y8 / AE7),
uart1_rts (AE22 / R2), uart1_rx
AB19), uart1_tx (E23 / V7 / AC3),
uart1_rx (E26 / AA8)
(H3 / H25 / AE4), uart1_tx (L4 /
uart1_rx (D24 / W7)
G26)
The following signals are
The following signals are
available on two pins (double
The following signals are
available on two pins (double
muxed): uart2_cts (AF6/AB26),
available on one pin only:
UART2
muxed): uart2_cts (Y24/P3),
uart2_rts (AE6/AB25), uart2_tx
uart2_cts (V6), uart2_rts (V5),
uart2_rts (AA24/N3), uart2_tx
(AF5/AA25), uart2_rx
uart2_tx (W4), uart2_rx (V4)
(AD22/U3), uart2_rx (AD21/W3)
(AE5/AD25)
The following signals are
The following signals are
The following signals are
available on three pins (triple
available on two pins (triple
available on two pins only
muxed): mcbsp3_dx (AF6 / AB26
muxed): mcbsp3_dx (U17/ Y24/
(double muxed): mcbsp3_dx
McBSP3
/ V21), mcbsp3_dr (AE6 / AB25 /
P3), mcbsp3_dr (T20/ AA24 /
(V6/W18), mcbsp3_dr (V5/Y18),
U21), mcbsp3_clkx (AF5 / AA25 / N3), mcbsp3_clkx (T17/ AD22 /
mcbsp3_clkx (W4/V18), and
W21), and mcbsp3_fsx (AE5 /
U3), mcbsp3_fsx (P20/ AD21 /
mcbsp3_fsx (V4/AA19)
AD25 / K26)
W3)
The following signals are
The following signals are
The following signals are
available on three pins (triple
available on three pins (triple
available on two pins only
muxed): gpt8_pwm_evt (N8 /
muxed): gpt8_pwm_evt
(double muxed): gpt8_pwm_evt
GP Timer
AD25 / V3), gpt9_pwm_evt (T8 /
(C5/AD21/V9), gpt9_pwm_evt
(G4/M4), gpt9_pwm_evt (F4/N4),
AB26 / Y2), gpt10_pwm_evt (R8
(B4/W8/Y24),
gpt10_pwm_evt (G5/N3), and
/ AB25 / Y3), and
gpt10_pwm_evt(C4/U8/AA24),
gpt11_pwm_evt (F3/M5)
gpt11_pwm_evt (P8 / AA25 / Y4)
gpt11_pwm_evt(B5/V8/AD22)
The following signals are
The following signals are
The following signals are
available on two pins (double
available on two pins (double
available on one pin only:
muxed): mcbsp4_clkx (T8/AE1),
muxed): mcbsp4_clkx (B4 / V3),
McBSP4
mcbsp4_clkx (F4), mcbsp4_dr
mcbsp4_dr (R8/AD1),
mcbsp4_dr (C4 / U4),
(G5), mcbsp4_dx (F3),
mcbsp4_dx (P8/AD2),
mcbsp4_dx (B5 / R3),
mcbsp4_fsx (G4)
mcbsp4_fsx (N8/AC1)
mcbsp4_fsx (C5 / T3)
HSUSB3_TLL
Supported
Supported
Not supported
MM_FSUSB3
Supported
Supported
Not supported
Four chip-select pins are
Four chip-select pins are
Chip-select pins mcspi1_cs1 and
McSPI1
available
available
mcspi_cs2 are not available
The following signals are
The following signals are
The following signals are
available on two pins (double
available on two pins (double
available on one pin only:
MMC3
muxed): mmc3_cmd (AC3 /
muxed): mmc3_cmd (R8 / AB3),
mmc3_cmd (AD3), and
AE10), and mmc3_clk (AB1 /
mmc3_clk (R9 / AB2)
mmc3_clk (AC1)
AF10)
6
OMAP3530 and OMAP3525 Applications Processors
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com