Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB72 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB72
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB72 Datasheet(HTML) 27 Page - Texas Instruments

Back Button OMAP3530ECBB72 Datasheet HTML 23Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 24Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 25Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 26Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 27Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 28Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 29Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 30Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
2.3
Ball Characteristics
through describe the terminal characteristics and the signals multiplexed on each pin for the CBB, CBC,
and CUS packages, respectively. The following list describes the table column headers.
1. BALL BOTTOM: Ball number(s) on the bottom side associated with each signal(s) on the bottom.
2. BALL TOP: Ball number(s) on the top side associated with each signal(s) on the top.
3. PIN NAME: Names of signals multiplexed on each ball (also notice that the name of the pin is the
signal name in mode 0).
Note: through do not take into account subsystem pin multiplexing options. Subsystem pin multiplexing
options are described in Section 2.5, Signal Descriptions.
4. MODE: Multiplexing mode number.
(a) Mode 0 is the primary mode; this means that when mode 0 is set, the function mapped on the pin
corresponds to the name of the pin. There is always a function mapped on the primary mode.
Notice that primary mode is not necessarily the default mode.
Note: The default mode is the mode which is automatically configured on release of the internal
GLOBAL_PWRON reset; also see the RESET REL. MODE column.
(b) Modes 1 to 7 are possible modes for alternate functions. On each pin, some modes are effectively
used for alternate functions, while some modes are not used and do not correspond to a functional
configuration.
5. TYPE: Signal direction
–
I = Input
–
O = Output
–
I/O = Input/Output
–
D = Open drain
–
DS = Differential
–
A = Analog
Note: In the safe_mode, the buffer is configured in high-impedance.
6. BALL RESET STATE: The state of the terminal at reset (power up).
–
0: The buffer drives VOL (pulldown/pullup resistor not activated)
0(PD): The buffer drives VOL with an active pulldown resistor.
–
1: The buffer drives VOH (pulldown/pullup resistor not activated)
1(PU): The buffer drives VOH with an active pullup resistor.
–
Z: High-impedance
–
L: High-impedance with an active pulldown resistor
–
H : High-impedance with an active pullup resistor
7. BALL RESET REL. STATE: The state of the terminal at reset release.
–
0: The buffer drives VOL (pulldown/pullup resistor not activated)
0(PD): The buffer drives VOL with an active pulldown resistor.
–
1: The buffer drives VOH (pulldown/pullup resistor not activated)
1(PU): The buffer drives VOH with an active pullup resistor.
–
Z: High-impedance
–
L: High-impedance with an active pulldown resistor
–
H : High-impedance with an active pullup resistor
8. RESET REL. MODE: This mode is automatically configured on release of the internal
GLOBAL_PWRON reset.
9. POWER: The voltage supply that powers the terminal’s I/O buffers.
10. HYS: Indicates if the input buffer is with hysteresis.
11. BUFFER STRENGTH: Drive strength of the associated output buffer.
12. PULL U/D - TYPE: Denotes the presence of an internal pullup or pulldown resistor. Pullup and
pulldown resistors can be enabled or disabled via software.
Copyright © 2008–2013, Texas Instruments Incorporated
TERMINAL DESCRIPTION
27
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com