Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB72 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB72
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB72 Datasheet(HTML) 2 Page - Texas Instruments

  OMAP3530ECBB72 Datasheet HTML 1Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 2Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 3Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 4Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 5Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 6Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 7Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 8Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Associative)
•
Luma and Chroma Separate Video (S-
Video)
– 16-KB Data Cache (4-Way Set-Associative)
– Rotation 90-, 180-, and 270-Degrees
– 256-KB L2 Cache
– Resize Images From 1/4x to 8x
• 112KB of ROM
– Color Space Converter
• 64KB of Shared SRAM
– 8-Bit Alpha Blending
• Endianess:
• Serial Communication
– ARM Instructions – Little Endian
– 5 Multichannel Buffered Serial Ports
– ARM Data – Configurable
(McBSPs)
– DSP Instruction and Data - Little Endian
•
512-Byte Transmit and Receive Buffer
• External Memory Interfaces:
(McBSP1, McBSP3, McBSP4, and
– SDRAM Controller (SDRC)
McBSP5)
•
16- and 32-Bit Memory Controller with
•
5-KB Transmit and Receive Buffer
1GB of Total Address Space
(McBSP2)
•
Interfaces to Low-Power Double Data
•
SIDETONE Core Support (McBSP2 and
Rate (LPDDR) SDRAM
McBSP3 Only) For Filter, Gain, and Mix
•
SDRAM Memory Scheduler (SMS) and
Operations
Rotation Engine
•
Direct Interface to I2S and PCM Device
– General Purpose Memory Controller (GPMC)
and TDM Buses
•
16-Bit-Wide Multiplexed Address and
•
128-Channel Transmit and Receive Mode
Data Bus
– Four Master or Slave Multichannel Serial
•
Up to 8 Chip-Select Pins with 128-MB
Port Interface (McSPI) Ports
Address Space per Chip-Select Pin
– High-, Full-, and Low-Speed USB OTG
•
Glueless Interface to NOR Flash, NAND
Subsystem (12- and 8-Pin ULPI Interface)
Flash (with ECC Hamming Code
– High-, Full-, and Low-Speed Multiport USB
Calculation), SRAM, and Pseudo-SRAM
Host Subsystem
•
Flexible Asynchronous Protocol Control
•
12- and 8-Pin ULPI Interface or 6-, 4-, and
for Interface to Custom Logic (FPGA,
3-Pin Serial Interface
CPLD, ASICs, and so forth)
•
Supports Transceiverless Link Logic
•
Nonmultiplexed Address and Data Mode
(TLL)
(Limited 2-KB Address Space)
– One HDQ™/1-Wire® Interface
• System Direct Memory Access (sDMA)
– Three UARTs (One with Infrared Data
Controller (32 Logical Channels with
Association [IrDA] and Consumer Infrared
Configurable Priority)
[CIR] Modes)
• Camera Image Signal Processor (ISP)
– Three Master and Slave High-Speed Inter-
– CCD and CMOS Imager Interface
Integrated Circuit (I2C) Controllers
– Memory Data Input
• Removable Media Interfaces:
– BT.601 (8-Bit) and BT.656 (10-Bit) Digital
– Three Multimedia Card (MMC)/Secure Digital
YCbCr 4:2:2 Interface
(SD) with Secure Data I/O (SDIO)
– Glueless Interface to Common Video
• Comprehensive Power, Reset, and Clock
Decoders
Management
– Resize Engine
– SmartReflex™ Technology
•
Resize Images From 1/4x to 4x
– Dynamic Voltage and Frequency Scaling
•
Separate Horizontal and Vertical Control
(DVFS)
• Display Subsystem
• Test Interfaces
– Parallel Digital Output
– IEEE 1149.1 (JTAG) Boundary-Scan
•
Up to 24-Bit RGB
Compatible
•
HD Maximum Resolution
– ETM Interface
•
Supports Up to 2 LCD Panels
– Serial Data Transport Interface (SDTI)
•
Support for Remote Frame Buffer
• 12 32-Bit General-Purpose Timers
Interface (RFBI) LCD Panels
• 2 32-Bit Watchdog Timers
– 2 10-Bit Digital-to-Analog Converters (DACs)
• 1 32-Bit 32-kHz Sync Timer
Supporting:
• Up to 188 General-Purpose I/O (GPIO) Pins
•
Composite NTSC and PAL Video
(Multiplexed with Other Device Functions)
2
OMAP3530 and OMAP3525 Applications Processors
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com