Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBB72 Datasheet(PDF) 172 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB72
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB72 Datasheet(HTML) 172 Page - Texas Instruments

Back Button OMAP3530ECBB72 Datasheet HTML 168Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 169Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 170Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 171Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 172Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 173Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 174Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 175Page - Texas Instruments OMAP3530ECBB72 Datasheet HTML 176Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 265 page
background image
gpmc_fclk
gpmc_clk
gpmc_ncsx
gpmc_a[26:17]
gpmc_nbe0_cle
gpmc_nbe1
gpmc_nadv_ale
gpmc_nwe
gpmc_a[16:1]_d[15:0]
gpmc_waitx
gpmc_io_dir
Address(MSB)
Valid Address(LSB)
DataOUT
OUT
FA0
FA1
FA9
FA10
FA3
FA25
FA29
FA12
FA27
FA28
FA0
FA10
030-031
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
In gpmc_ncsx, x is equal to 0, 1, 2, 3, 4, 5, 6, or 7. In gpmc_waitx, x is equal to 0, 1, 2, or 3.
Figure 6-12. GPMC/Multiplexed NOR Flash – Asynchronous Write – Single Word Timing
6.4.1.3
GPMC/NAND Flash Interface Timing
Table 6-10 through Table 6-12 assume testing over the recommended operating conditions (see Figure 6-
13 through Figure 6-16) and electrical characteristic conditions.
Table 6-9. GPMC/NAND Flash Asynchronous Mode Timing Conditions
TIMING CONDITION PARAMETER
VALUE
UNIT
Input Conditions
tR
Input signal rise time
1.8
ns
tF
Input signal fall time
1.8
ns
Output Conditions
CLOAD
Output load capacitance
15.94
pF
Table 6-10. GPMC/NAND Flash Interface Asynchronous Timing – Internal Parameters(1) (2)
NO.
PARAMETER
1.15 V
1.0 V
0.9 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
GNFI1
Maximum output data generation delay from
6.5
9.1
13.7
ns
internal functional clock
GNFI2
Maximum input data capture delay by internal
4
5.6
8.1
ns
functional clock
(1)
Internal parameters table must be used to calculate data access time stored in the corresponding CS register bit field.
(2)
Internal parameters are referred to the GPMC functional internal clock which is not provided externally.
172
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com